Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2530DSTRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2530DSTRPBF
Description  DIM8TM DIMMING BALLAST CONTROL IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2530DSTRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2530DSTRPBF Datasheet HTML 1Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 2Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 3Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 4Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 5Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 6Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 7Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 8Page - International Rectifier IRS2530DSTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
July 09, 2008
IRS2530D(S)
DIM8
TM DIMMING BALLAST CONTROL IC
IC Features
Dimming ballast control plus half-bridge driver
Closed-loop lamp current dimming control
Internal non-ZVS protection
Internal crest factor protection
Programmable preheat time
Fixed dead-time (2.0
μs typ.)
Lamp insert auto-restart
Internal bootstrap MOSFET
Internal 15.6V zener clamp diode on Vcc
Micropower startup (250
μA)
Latch immunity and ESD protection
Ballast System Features
Single chip dimming solution
Simple lamp current dimming control method
Single lamp current sensing resistor required
No half-bridge current-sensing resistor required
No external protection circuits required (fully
internal)
Flash-free lamp start at all dimming levels
Large reduction in component count
Easy to use for fast design cycle time
Increased manufacturability and reliability
Typical Connection Diagram
Product Summary
Topology
Half-Bridge
VOFFSET
600 V
VOUT
VCC
IO+ & IO- (typical)
180mA & 260mA
Deadtime (typical)
2.0
μs
Package Types
PDIP8
SO8
Typical applications
Linear dimming ballast (down to 10%)
3-way dimming ballast
Multi-level switch dimming ballast
CRES
LRES:A
CDC
RVCC1
LF
CF
BR1
CBUS
L
N
F1
MLS
MHS
DCP2
CSNUB
DCP1
CVCC2
CBS
RHO
RLO
1
2
3
4
8
7
6
5
VCC
COM
DIM
VCO
LO
VB
VS
HO
RLMP2
RLMP1
CDIM
CVCO
CFB
RDIM2
SPIRAL
CFL LAMP
LRES:B
LRES:C
CH1
CH2
1-10V
DIM
INPUT
RDIM1
RCS
RFB
CPH RVCO
(+)
(-)
AC
LINE
INPUT
RVCC2
CVCC1
RLIM1
RLIM2
www.irf.com
© 2008 International Rectifier
1


Similar Part No. - IRS2530DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2530D IRF-IRS2530D Datasheet
462Kb / 23P
   Dimming ballast control plus half-bridge driver
IRS2530D IRF-IRS2530D_15 Datasheet
462Kb / 23P
   Dimming ballast control plus half-bridge driver
More results

Similar Description - IRS2530DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21592 IRF-IR21592_15 Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592STRPBF IRF-IR21592STRPBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR2159 IRF-IR2159 Datasheet
261Kb / 25P
   DIMMING BALLAST CONTROL IC
IR21593PBF IRF-IR21593PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592PBF IRF-IR21592PBF Datasheet
453Kb / 26P
   DIMMING BALLAST CONTROL IC
IR21592 IRF-IR21592 Datasheet
259Kb / 25P
   DIMMING BALLAST CONTROL IC
IR2159S IRF-IR2159S Datasheet
267Kb / 25P
   DIMMING BALLAST CONTROL IC
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com