Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8741EAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8741EAI
Description  500kHz Multi-Output Power-Supply Controllers with High Impedance in Shutdown
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8741EAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8741EAI Datasheet HTML 6Page - Maxim Integrated Products MAX8741EAI Datasheet HTML 7Page - Maxim Integrated Products MAX8741EAI Datasheet HTML 8Page - Maxim Integrated Products MAX8741EAI Datasheet HTML 9Page - Maxim Integrated Products MAX8741EAI Datasheet HTML 10Page - Maxim Integrated Products MAX8741EAI Datasheet HTML 11Page - Maxim Integrated Products MAX8741EAI Datasheet HTML 12Page - Maxim Integrated Products MAX8741EAI Datasheet HTML 13Page - Maxim Integrated Products MAX8741EAI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
500kHz Multi-Output Power-Supply Controllers
with High Impedance in Shutdown
10
______________________________________________________________________________________
Pin Description (continued)
PIN
SSOP
TQFN
NAME
FUNCTION
15
13
SEQ
Pin-Strap Input that Selects the SMPS Power-Up Sequence:
SEQ = GND: 5V before 3.3V, RESET output determined by both outputs
SEQ = REF: Separate ON3/ON5 controls, RESET output determined by 3.3V
output
SEQ = VL: 3.3V before 5V, RESET output determined by both outputs
16
14
DH5
Gate-Drive Output for the 5V, High-Side N-Channel Switch. DH5 is a floating driver
output that swings from LX5 to BST5, riding on the LX5 switching-node voltage.
17
15
LX5
Switching-Node (Inductor) Connection. Can swing 2V below ground without hazard.
18
17
BST5
Boost Capacitor Connection for High-Side Gate Drive (0.1µF)
19
18
DL5
Gate-Drive Output for the Low-Side Synchronous-Rectifier MOSFET. Swings 0 to VL.
20
19
PGND
Power Ground
21
20
VL
5V Internal Linear-Regulator Output. VL is also the supply-voltage rail for the chip.
After the 5V SMPS output has reached 4.5V (typ), VL automatically switches to the
output voltage through CSL5 for bootstrapping. Bypass to GND with 4.7µF. VL
supplies up to 25mA for external loads.
22
21
V+
Battery Voltage Input, 4.2V to 30V. Bypass V+ to PGND close to the IC with a 0.22µF
capacitor. Connects to a linear regulator that powers VL.
23
22
SHDN
Shutdown Control Input, Active Low. Logic threshold is set at approximately 1V. For
automatic startup, connect SHDN to V+ through a 220kΩ resistor and bypass SHDN to
GND with a 0.01µF capacitor.
24
23
DL3
Gate-Drive Output for the Low-Side Synchronous-Rectifier MOSFET. Swings 0 to VL.
25
24
BST3
Boost Capacitor Connection for High-Side Gate Drive (0.1µF)
26
26
LX3
Switching-Node (Inductor) Connection. Can swing 2V below ground without hazard.
27
27
DH3
Gate-Drive Output for the 3.3V, High-Side N-Channel Switch. DH3 is a floating driver
output that swings from LX3 to BST3, riding on the LX3 switching-node voltage.
28
28
RUN/ON3
ON/OFF Control Input. See the Power-Up Sequencing and ON/OFF Controls section.
6, 16, 25, 32
N.C.
No Connection


Similar Part No. - MAX8741EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX874 MAXIM-MAX874 Datasheet
112Kb / 8P
   10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX8740 MAXIM-MAX8740 Datasheet
341Kb / 12P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8740ETB MAXIM-MAX8740ETB Datasheet
341Kb / 12P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
MAX8743EEI MAXIM-MAX8743EEI Datasheet
864Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
More results

Similar Description - MAX8741EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
   500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
National Semiconductor ...
LM2757 NSC-LM2757 Datasheet
721Kb / 14P
   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
logo
Texas Instruments
LM2757 TI1-LM2757_14 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Boost Regulator with High Impedance Output in Shutdown
LM2757 TI1-LM2757 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
LM2757 TI-LM2757_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2757 Switched-Capacitor Boost Regulator With High Impedance Output in Shutdown
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com