Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV8102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV8102
Description  128 x 64 OLED passive matrix controller/driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8102 Datasheet(HTML) 1 Page - STMicroelectronics

  STV8102 Datasheet HTML 1Page - STMicroelectronics STV8102 Datasheet HTML 2Page - STMicroelectronics STV8102 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2007
Rev 1
1/3
3
STV8102
128 x 64 OLED passive matrix controller/driver
Features
Supports 128 x 64 dot matrix panels
Embedded DC/DC step-up converter
Display power supply up to 20V
Device power supply: 1.8 to 3.6V
Low-power consumption suitable for battery-
operated systems
Column source current: 508µA, max
Row sink current: 64mA
On-chip oscillator
Programmable multiplexing rate
Self adaptive panel addressing scheme
PowerMizer
™ driving scheme
Brightness control with built-in aging
compensation
Built-in display pattern generator
Selectable 8-bit parallel interface (68xx, 80xx
series), serial peripheral interface and I²C
interface
Embedded 128 x 64 x 1-bit display RAM
Row and column re-mapping
Screen saver mode
Description
The STV8102 is a low-power, controller/driver
“combo” IC for Organic Light Emitting Diode
(OLED) dot passive matrix display systems.The
STV8102 supports black-an-white, monochrome
displays of up to 128 columns by 64 rows.
The STV8102 provides all necessary functions in
a single chip, including on-chip OLED supply
control and bias current generators resulting in a
minimum of external components and in very low-
power consumption.
The STV8102 communicates with the system via
fully configurable interfaces (parallel, serial or I2C)
to ease interfacing with the host microcontroller.
The STV8102 has a set of control and status
registers that can be addressed by the interfaces.
www.st.com


Similar Part No. - STV8102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV8105 STMICROELECTRONICS-STV8105 Datasheet
43Kb / 3P
   256 x 72 x 4-bit OLED passive matrix controller/driver
STV8105/WPB STMICROELECTRONICS-STV8105/WPB Datasheet
43Kb / 3P
   256 x 72 x 4-bit OLED passive matrix controller/driver
More results

Similar Description - STV8102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1306 ETC2-SSD1306 Datasheet
1Mb / 65P
   128 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
logo
STMicroelectronics
STV8105 STMICROELECTRONICS-STV8105 Datasheet
43Kb / 3P
   256 x 72 x 4-bit OLED passive matrix controller/driver
logo
Vishay Siliconix
OLED-128O064F-WPP3N00000 VISHAY-OLED-128O064F-WPP3N00000 Datasheet
427Kb / 25P
   128 x 64 Graphic OLED
01-Jan-2023
OLED-128O064H-LPP3N00000 VISHAY-OLED-128O064H-LPP3N00000 Datasheet
459Kb / 25P
   128 x 64 Graphic OLED
01-Jan-2023
OLED-128O064H-SPP3N00000 VISHAY-OLED-128O064H-SPP3N00000 Datasheet
415Kb / 25P
   128 x 64 Graphic OLED
01-Jan-2023
OLED-128O064H-WPP3N00000 VISHAY-OLED-128O064H-WPP3N00000 Datasheet
416Kb / 25P
   128 x 64 Graphic OLED
01-Jan-2023
OLED-128O064A-LNP3N00000 VISHAY-OLED-128O064A-LNP3N00000 Datasheet
200Kb / 14P
   128 x 64 Graphic OLED
01-Jan-2023
OLED-128O064H-GPP3N00000 VISHAY-OLED-128O064H-GPP3N00000 Datasheet
446Kb / 25P
   128 x 64 Graphic OLED
01-Jan-2023
OLED-128O064J-SPP3N00000 VISHAY-OLED-128O064J-SPP3N00000 Datasheet
377Kb / 23P
   128 x 64 Graphic OLED
01-Jan-2023
OLED-128O064J-LPP3N00000 VISHAY-OLED-128O064J-LPP3N00000 Datasheet
428Kb / 23P
   128 x 64 Graphic OLED
01-Jan-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com