Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C1162048L-100B Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V62C1162048L-100B
Description  Ultra Low Power 128K x 16 CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C1162048L-100B Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V62C1162048L-100B Datasheet HTML 3Page - Mosel Vitelic, Corp V62C1162048L-100B Datasheet HTML 4Page - Mosel Vitelic, Corp V62C1162048L-100B Datasheet HTML 5Page - Mosel Vitelic, Corp V62C1162048L-100B Datasheet HTML 6Page - Mosel Vitelic, Corp V62C1162048L-100B Datasheet HTML 7Page - Mosel Vitelic, Corp V62C1162048L-100B Datasheet HTML 8Page - Mosel Vitelic, Corp V62C1162048L-100B Datasheet HTML 9Page - Mosel Vitelic, Corp V62C1162048L-100B Datasheet HTML 10Page - Mosel Vitelic, Corp V62C1162048L-100B Datasheet HTML 11Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
V62C1162048L(L)
Ordering Information
Device Type*
Speed
Package
V62C1162048L-70T
70 ns
44-pin TSOP Type 2
V62C1162048L-85T
85 ns
V62C1162048L-100T
100 ns
V62C1162048L-120T
120 ns
V62C1162048LL-70T
70 ns
V62C1162048LL-85T
85 ns
V62C1162048LL-100T
100 ns
V62C1162048LL-120T
120 ns
V62C1162048L(L)-70B
70 ns
48-fpBGA
V62C1162048L(L)-85B
85 ns
V62C1162048L(L)-100B
100 ns
V62C1162048L(L)-120B
120 ns
V62C1162048L(L)-70M
70 ns
48-
µBGA
V62C1162048L(L)-85M
85 ns
V62C1162048L(L)-100M
100 ns
V62C1162048L(L)-120M
120 ns
10
* For Industrial temperature tested devices, an “I” designator will be added to the end of the device number.
REV. 1.2 May 2001 V62C1162048L(L)


Similar Part No. - V62C1162048L-100B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-100T MOSEL-V62C1161024L-100T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-120T MOSEL-V62C1161024L-120T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-70T MOSEL-V62C1161024L-70T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-85T MOSEL-V62C1161024L-85T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C1162048L-100B

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com