Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZURUY57W-1 Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZURUY57W-1
Description  3.0x2.5mm SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZURUY57W-1 Datasheet(HTML) 1 Page - SunLED Corporation

  ZURUY57W-1 Datasheet HTML 1Page - SunLED Corporation ZURUY57W-1 Datasheet HTML 2Page - SunLED Corporation ZURUY57W-1 Datasheet HTML 3Page - SunLED Corporation ZURUY57W-1 Datasheet HTML 4Page - SunLED Corporation ZURUY57W-1 Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : FEB 25 , 2008
Drawing No : SDSA3809
V4
Checked : B.L.LIU
P.1/5
Part Number:
ZURUY57W-1
3.0x2.5mm SURFACE MOUNT LED LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZURUY57W-1
Red
GaAsP/GaP
Water Clear
7
19
627
Yellow
GaAsP/GaP
4
14
590
100
°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.2(0.008") unless otherwise noted.
3.Specifications are subject to change without notice.
Features

3.0mmx2.5mm SMT LED, 1.4mm THICKNESS.

LOW POWER CONSUMPTION.

WIDE VIEWING ANGLE.

IDEAL FOR BACK LIGHT AND INDICATOR.

VARIOUS COLORS AND LENS TYPES AVAILABLE.

INNER LENS TYPE

MOISTURE SENSITIVITY LEVEL : LEVEL 3.

PACKAGE : 2000PCS / REEL.

RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UR
(GaAsP
/GaP)
UY
(GaAsP/
GaP)
Unit
Reverse Voltage
VR
5
5
V
Forward Current
IF
30
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
160
140
mA
Power Dissipation
PT
75
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
UR
(GaAsP/
GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
627
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
625
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
45
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
UY
(GaAsP/
GaP)
2.1
2.5
10
590
588
35
20


Similar Part No. - ZURUY57W-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZURUY57W SUNLED-ZURUY57W Datasheet
221Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZURUY57W-1

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKB3025SURKMGK-F01 KINGBRIGHT-APKB3025SURKMGK-F01 Datasheet
157Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025EYC-F01 KINGBRIGHT-APBL3025EYC-F01 Datasheet
352Kb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025SRQGCPR-F01 KINGBRIGHT-APBL3025SRQGCPR-F01_15 Datasheet
261Kb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APB3025CGKQWDF TO-GRACE-APB3025CGKQWDF Datasheet
1Mb / 7P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APB3025EYC-F01 TO-GRACE-APB3025EYC-F01 Datasheet
964Kb / 4P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APBL3025ESGC-F01 TO-GRACE-APBL3025ESGC-F01 Datasheet
1Mb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APB3025SYKQWDF-AMT TO-GRACE-APB3025SYKQWDF-AMT Datasheet
2Mb / 9P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
APB3025SRQGCPRV-F01 KINGBRIGHT-APB3025SRQGCPRV-F01 Datasheet
154Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
APB3025SURKCGKC-F01 KINGBRIGHT-APB3025SURKCGKC-F01 Datasheet
327Kb / 6P
   3.0x2.5mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKBBA57W-1 SUNLED-ZMDKBBA57W-1 Datasheet
228Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
ZMDKVG57W-1 SUNLED-ZMDKVG57W-1 Datasheet
228Kb / 5P
   3.0x2.5mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com