Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2164L61HCL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC2164L61HCL
Description  ICs for use with Crystal Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164L61HCL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC2164L61HCL Datasheet HTML 1Page - Torex Semiconductor XC2164L61HCL Datasheet HTML 2Page - Torex Semiconductor XC2164L61HCL Datasheet HTML 3Page - Torex Semiconductor XC2164L61HCL Datasheet HTML 4Page - Torex Semiconductor XC2164L61HCL Datasheet HTML 5Page - Torex Semiconductor XC2164L61HCL Datasheet HTML 6Page - Torex Semiconductor XC2164L61HCL Datasheet HTML 7Page - Torex Semiconductor XC2164L61HCL Datasheet HTML 8Page - Torex Semiconductor XC2164L61HCL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
XC2164 Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: Chip Enable: f0/1
B
: Chip Enable: f0/2 (Fundamental only)
C
: Chip Enable: f0/4 (Fundamental only)
D
: Chip Enable: f0/8 (Fundamental only)
K
: Output Enable: f0/1
L
: Output Enable: f0/2 (Fundamental only)
M
: Output Enable: f0/4 (Fundamental only)
Divider Ratio
&
/INH Pin Function
N
: Output Enable: f0/8 (Fundamental only)
5
: Not polyimide coating on the chip surface (SOT-26 only)
Chip Surface Treatment
6
: Polyimide coating on the chip surface
(Chip form only)
Duty Level
1
: CMOS (VDD/2)
*TTL: Fundamental 4MHz to 30MHz
(Table 1)
: 3rd Overtone, built-in type
Frequency Range & Rf,
Cg, Cd Values
(Table 2)
: Fundamental, built-in type
C
: Chip form
Packages
M
: SOT-26
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
T
: Chip tray (Wafer thickness : 280
±20μm)
Device Orientation
F
: Chip tray (Wafer thickness : 200
±20μm)
FREQUENCY RANGE
SYMBOL
3.3V ±10%
5.0V ±10%
Rf
(k
Ω)
Cg
(pF)
Cd
(pF)
A
20MHz to 30MHz
9.0
21.5
21.5
B
20MHz to 30MHz
30MHz to 40MHz
6.5
20.0
20.0
C
30MHz to 40MHz
40MHz to 50MHz
5.0
16.0
16.0
D
40MHz to 50MHz
50MHz to 65MHz
3.5
14.0
14.0
E
50MHz to 65MHz
65MHz to 80MHz
2.8
12.5
12.5
F
65MHz to 80MHz
80MHz to 95MHz
2.5
10.0
10.0
H
80MHz to 95MHz
95MHz to 110MHz
2.2
8.0
8.0
K
95MHz to 110MHz
110MHz to 125MHz
2.0
7.0
7.0
L
110MHz to 125MHz
2.3
5.5
5.5
FREQUENCY RANGE
SYMBOL
3.3V ±10%
5.0V ±10%
Rf
(kΩ)
Cg
(pF)
Cd
(pF)
M, V
4MHz to 30MHz
4MHz to 30MHz
3.5/7.0
20.0
20.0
T
4MHz to 30MHz
4MHz to 30MHz
3.5/7.0
35.0
35.0
PAD DIMENSIONS
PIN NUMBER
PIN
NAME
X
Y
1
Q0
514
- 264
2
VSS
222
- 264
3
/ XT
- 450
- 264
4
XT
- 450
264
5
VDD
514
27
6
/ INH
47
264
■ PRODUCT CLASSIFICATION
●Ordering Information
XC2164
①②③④⑤⑥
Table 1: 3rd Overtone, Built-In Type
Table 2: Fundamental, Built-In Type
(*)Rf = 3.5M
Ω@VDD = 5.0V Operation
Rf = 7.0 M
Ω@VDD =3.3V Operation
■PAD LAYOUT FOR CHIP FORM
■PAD DIMENSIONS
unit [
μm]
1.3×0.8mm
XC2164xx1xxT : 280±20
μm
XC2164xx1xxF : 200±20
μm
VDD Level
100×100
μm


Similar Part No. - XC2164L61HCL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164L51 TOREX-XC2164L51 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164L61HCL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com