Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52Q256I Datasheet(PDF) 48 Page - Lattice Semiconductor

Part # LC5512MC-52Q256I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52Q256I Datasheet(HTML) 48 Page - Lattice Semiconductor

Back Button LC5512MC-52Q256I Datasheet HTML 44Page - Lattice Semiconductor LC5512MC-52Q256I Datasheet HTML 45Page - Lattice Semiconductor LC5512MC-52Q256I Datasheet HTML 46Page - Lattice Semiconductor LC5512MC-52Q256I Datasheet HTML 47Page - Lattice Semiconductor LC5512MC-52Q256I Datasheet HTML 48Page - Lattice Semiconductor LC5512MC-52Q256I Datasheet HTML 49Page - Lattice Semiconductor LC5512MC-52Q256I Datasheet HTML 50Page - Lattice Semiconductor LC5512MC-52Q256I Datasheet HTML 51Page - Lattice Semiconductor LC5512MC-52Q256I Datasheet HTML 52Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
48
Switching Test Conditions
Figure 21 shows the output test load that is used for AC testing. The specific values for resistance, capacitance,
voltage, and other test conditions are shown in Table 14.
Figure 21. Output Test Load, LVTTL and LVCMOS Standards
Table 14. Test Fixture Required Components
Test Condition
R1
R2
CL
Timing Ref.
VCCO
Default LVCMOS 1.8 I/O (L -> H, H -> L)
106
106
35pF
VCCO/2
1.8V
LVCMOS I/O (L -> H, H -> L)
35pF
LVCMOS3.3 = 1.5V
LVCMOS3.3 = 3.0V
LVCMOS2.5 = VCCO/2
LVCMOS2.5 = 2.3V
LVCMOS1.8 = VCCO/2
LVCMOS1.8 = 1.65V
Default LVCMOS 1.8 I/O (Z -> H)
106
35pF
VCCO/2
1.65V
Default LVCMOS 1.8 I/O (Z -> L)
106
35pF
VCCO/2
1.65V
Default LVCMOS 1.8 I/O (H -> Z)
106
5pF
VOH - 0.15
1.65V
Default LVCMOS 1.8 I/O (L -> Z)
106
5pF
VOL + 0.15
1.65V
Note: Output test conditions for all other interfaces are determined by the respective standards.
VCCO
R1
R2
CL*
Device
Output
*CL includes test fixture and probe capacitance.
Test
Point


Similar Part No. - LC5512MC-52Q256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52Q256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com