Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5E050JTR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VND5E050JTR-E
Description  Double channel high side driver for automotive applications
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E050JTR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VND5E050JTR-E Datasheet HTML 6Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 7Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 8Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 9Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 10Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 11Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 12Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 13Page - STMicroelectronics VND5E050JTR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Electrical specifications
VND5E050J-E / VND5E050K-E
10/40
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 7.
Status pin (VSD=0V)
VSTAT
Status low output
voltage
ISTAT=1.6 mA, VSD=0V
0.5
V
ILSTAT
Status leakage current
Normal Operation or VSD=5V,
VSTAT = 5V
10
µA
CSTAT
Status pin input
capacitance
Normal Operation or VSD=5V,
VSTAT = 5V
100
pF
VSCL
Status clamp voltage
ISTAT = 1mA
ISTAT = -1mA
5.5
-0.7
7V
V
Table 8.
Protections
(1)
(1) To ensure long term reliability under heavy overload or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device is subjected to
abnormal conditions, this software must limit the duration and number of activation cycles.
IlimH
DC short circuit current
VCC=13V;5V<VCC<28V
19
27
38
38
A
A
IlimL
Short circuit current
during thermal cycling
VCC=13V
TR<Tj<TTSD
7A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS + 1 TRS + 5
°C
TRS
Thermal reset of
STATUS
135
°C
THYST
Thermal hysteresis
(TTSD-TR)
7°C
tSDL
Status delay in overload
conditions
Tj>TTSD (see Figure 4)20
µs
VDEMAG
Turn-off output voltage
clamp
IOUT=2A; VIN=0; L=6mH
VCC-41
VCC-46
VCC-52
V
VON
Output voltage drop
limitation
IOUT=0.1A;
Tj= -40°C...+150°C
25
mV


Similar Part No. - VND5E050JTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050JTR-E STMICROELECTRONICS-VND5E050JTR-E Datasheet
720Kb / 40P
   Double channel high side driver for automotive applications
More results

Similar Description - VND5E050JTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050J-E STMICROELECTRONICS-VND5E050J-E_09 Datasheet
720Kb / 40P
   Double channel high side driver for automotive applications
VND5160J-E STMICROELECTRONICS-VND5160J-E Datasheet
529Kb / 31P
   Double channel high side driver for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E_07 Datasheet
851Kb / 37P
   Double channel high side driver for automotive applications
VND5E160J-E STMICROELECTRONICS-VND5E160J-E Datasheet
747Kb / 34P
   Double channel high side driver for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND7140AJ STMICROELECTRONICS-VND7140AJ Datasheet
2Mb / 47P
   Double channel high-side driver with MultiSense analog feedback for automotive applications
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com