Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105PF40T Datasheet(PDF) 4 Page - International Rectifier

Part # 105PF40T
Description  STANDARD RECOVERY DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

105PF40T Datasheet(HTML) 4 Page - International Rectifier

  105PF40T Datasheet HTML 1Page - International Rectifier 105PF40T Datasheet HTML 2Page - International Rectifier 105PF40T Datasheet HTML 3Page - International Rectifier 105PF40T Datasheet HTML 4Page - International Rectifier 105PF40T Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
105PF40T
4
Final I2028 rev. D 01/05
www.irf.com
Fig. 7 - Forward Voltage Drop Characteristics
Instantaneous Forward Voltage (V)
Fig. 8 - Thermal Impedance Z
thJC Characteristics
Square Wave Pulse Duration (s)
Outline Table
105PF
Case Style DO-203AB (DO-5)
All dimensions in millimeters (inches)
1
10
100
1000
0.6
0.8
1
1.2
1.4
1.6
Tj = 25˚C
Tj = Tj Max.
105PF Series
0.001
0.01
0.1
1
0.0001 0.001
0.01
0.1
1
10
85HF(R) Series
Steady State Value
RthJC = 0.25 K/W
(DC Operation)


Similar Part No. - 105PF40T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
105PBF VISHAY-105PBF Datasheet
436Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 105 A
Revision: 17-May-10
logo
Illinois Capacitor, Inc...
105PBM050M ILLINOISCAPACITOR-105PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
105PBM050M ILLINOISCAPACITOR-105PBM050M Datasheet
183Kb / 2P
   85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
105PBM050M ILLINOISCAPACITOR-105PBM050M Datasheet
194Kb / 2P
   Non/Bi-polar ??7mm Height
105PBM050M ILLINOISCAPACITOR-105PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 105PF40T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com