Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75Q256I Datasheet(PDF) 64 Page - Lattice Semiconductor

Part # LC5512MC-75Q256I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75Q256I Datasheet(HTML) 64 Page - Lattice Semiconductor

Back Button LC5512MC-75Q256I Datasheet HTML 60Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 61Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 62Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 63Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 64Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 65Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 66Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 67Page - Lattice Semiconductor LC5512MC-75Q256I Datasheet HTML 68Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
64
ispXPLD 5768MX Logic Signal Connections
sysIO Bank LVDS Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Inputs
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1
Macrocell 2
0
127N
S22
S11
T18
S23
C4
B4
0
127P
S20
S10
T16
S21
E4
A4
0
128N
S18
Q17
S17
S19
B1
B3
0
128P
S16
Q16
S16
S17
C1
A3
0
129N
S14
Q15
S15
S15
D3
F5
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
129P
S12
Q14
S14
S13
C2
G6
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
130N
S10
Q13
S13
S11
E3
H6
0
130P
S8
Q12
S12
S9
D2
G5
0
131N
S6
S9
T14
S7
D3
0
131P
S4
S8
T12
S5
D2
0
132N
S2
S7
T10
S3
E4
-
-
VCC
-
-
-
VCC
VCC
0
132P
S0
S6
T8
S1
E3
-
-
GND
-
-
-
GND
GND
0
133N
T30
S5
T6
T31
F4
0
133P
T28
S4
T4
T29
G4
0
134N
T26
S3
T2
T27
C2
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
134P
T24
S2
T0
T25
C1
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
135N
T22
S1
-
T23
D1
F3
0
135P
T20
S0
-
T21
E1
G3
0
136N
T18
S31
-
T19
F4
H4
-
-
VCC
-
-
-
VCC
VCC
0
136P
T16
S30
-
T17
F5
J4
0
137N
T14
Q11
S11
T15
E2
H5
0
137P
T12/CLK_OUT0
Q10
S10
T13
F2
J5
0
138N
T10
Q9
S9
T11
F1
E2
0
138P
T8
Q8
S8
T9
G1
F2
-
-
GND
-
-
-
GND
GND
0
139N
T6
Q7
S7
T7
F3
D1
-
-
VCCO0
-
-
-
VCCO0
VCCO0
0
139P
T4
Q6
S6
T5
G5
E1
-
-
GND (Bank 0)
-
-
-
GND (Bank 0) GND (Bank 0)
0
140N
T2
Q5
S5
T3
H5
J3
0
140P
T0/PLL_RST0
Q4
S4
T1
G4
H2
0
141N
U30
U31
W31
U31
G3
G2
0
141P
U28/PLL_FBK0
U30
W30
U29
H3
G1
0
142N
U26
U29
W29
U27
J6
0
142P
U24
U28
W28
U25
K4


Similar Part No. - LC5512MC-75Q256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75Q208C LATTICE-LC5512MC-75Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75Q256I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com