Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP50NE10L Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP50NE10L
Description  N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP50NE10L Datasheet(HTML) 7 Page - STMicroelectronics

  STP50NE10L Datasheet HTML 1Page - STMicroelectronics STP50NE10L Datasheet HTML 2Page - STMicroelectronics STP50NE10L Datasheet HTML 3Page - STMicroelectronics STP50NE10L Datasheet HTML 4Page - STMicroelectronics STP50NE10L Datasheet HTML 5Page - STMicroelectronics STP50NE10L Datasheet HTML 6Page - STMicroelectronics STP50NE10L Datasheet HTML 7Page - STMicroelectronics STP50NE10L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C
STP50NE10L
7/8


Similar Part No. - STP50NE10L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
   N-channel 100V - 0.021??- 50A TO-220 STripFET??Power MOSFET
More results

Similar Description - STP50NE10L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
   N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
   N-channel 100V - 0.021??- 50A TO-220 STripFET??Power MOSFET
STP40NF10 STMICROELECTRONICS-STP40NF10_07 Datasheet
238Kb / 12P
   N-channel 100V - 0.025??- 50A TO-220 Low gate charge STripFET??II Power MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
STP20NE10 STMICROELECTRONICS-STP20NE10 Datasheet
81Kb / 8P
   N - CHANNEL 100V - 0.07ohm - 20A - TO-220 STripFET MOSFET
STP1806 STMICROELECTRONICS-STP1806 Datasheet
272Kb / 9P
   N-CHANNEL 60V - 0.015 - 50A TO-220 STripFET™ POWER MOSFET
November 2004
STP7NE10L STMICROELECTRONICS-STP7NE10L Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
   N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STP60NE10 STMICROELECTRONICS-STP60NE10 Datasheet
108Kb / 9P
   N - CHANNEL 100V - 0.016W - 60A TO-220/TO-220FP STripFET] POWER MOSFET
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
   N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com