Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMMC-3102-TR1 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HMMC-3102-TR1
Description  DC - 16 GHz Packaged Divide-by-2 Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-3102-TR1 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HMMC-3102-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-3102-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-3102-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-3102-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-3102-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-3102-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Symbol
Parameters/Conditions
Min.
Typ.
Max.
Units
Pout
3
@ ƒout < 1 GHz
4
6
dBm
@ ƒout = 2.5 GHz
3.5
5,5
dBm
@ ƒout = 3.5 GHz
0
2.0
dBm
|Vout(p–p)|4
@ ƒout < 1 GHz
0.99
volts
@ ƒout = 2.5 GHz
0.94
volts
@ ƒout = 3.5 GHz
0.63
volts
PSpitback
ƒout power level appearing at RFin or RFin
-40
dBm
(@ ƒin 12 GHz, unused RFout or RFout unterminated)
ƒout power level appearing at RFin or RFin
-47
dBm
(@ ƒin = 12 GHz, both RFout & RFout terminated)
Pfeedthru
Power level of ƒin appearing at RFout or RFout
-23
dBc
(@ ƒin = 10 GHz, Pin= 0 dBm, referred to Pin in))
H2
Second harmonic distortion output level
(@ ƒout = 3.0 GHz, referred to Pout out))
-25
dBc
Notes
3. Fundamental of output square wave’s Fourier Series.
4. Square wave amplitude calculated from Pout.
RF Specifications (Continued)
(TA = 25°C, Z0 = 50 Ω, VCC – VEE = 5.0 volts)
Applications
The HMMC-3102 is designed for use in
high frequency communications, micro-
wave instrumentation, and EW radar
systems where low phase-noise PLL
control circuitry or broad-band frequency
translation is required.
Operation
The device is designed to operate
when driven with either a single-ended
or differential sinusoidal input signal
over a 200 MHz to 16 GHz bandwidth.
Below 200 MHz the prescaler input is
“slew-rate” limited, requiring fast
rising and falling edge speeds to
properly divide. The device will operate
at frequencies down to dc when driven
with a square-wave.
Due to the presence of an off-chip
RF-bypass capacitor inside the package
(connected to the VCC contact on the
device), and the unique design of the
device itself, the component may be
biased from either a single positive or
single negative supply bias. The back-
side of the package is not dc
connected to any dc bias point on
the device.
For positive supply operation, VCC pins
are nominally biased at any voltage in
the +4.5 to +6.5 volt range with pin 8
(VEE) grounded. For negative bias op-
eration VCC pins are typically grounded
and a negative voltage between
-4.5 to -6.5 volts is applied to
pin 8 (VEE).
ac-Coupling and dc-Blocking
All RF ports are dc connected on-chip
to the VCC contact through on-chip 50
Ω resistors. Under any bias condi-
tions where VCC is not dc grounded
the RF ports should be ac coupled via
series capacitors mounted on the PC-
board at each RF port. Only under bias
conditions where VCC is dc grounded
(as is typical for negative bias supply
operation) may the RF ports be direct
coupled to adjacent circuitry or in
some cases, such as level shifting
to subsequent stages. In the latter
case the package heat sink may be
“floated” and bias applied as the dif-
ference between VCC and VEE.


Similar Part No. - HMMC-3102-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-3104 HP-HMMC-3104 Datasheet
796Kb / 8P
   DC-16 GHz Packaged Divide-by-4 Prescaler
HMMC-3104-BLK HP-HMMC-3104-BLK Datasheet
796Kb / 8P
   DC-16 GHz Packaged Divide-by-4 Prescaler
HMMC-3104-TR1 HP-HMMC-3104-TR1 Datasheet
796Kb / 8P
   DC-16 GHz Packaged Divide-by-4 Prescaler
HMMC-3108 HP-HMMC-3108 Datasheet
793Kb / 8P
   DC-16 GHz Packaged Divide-by-8
HMMC-3108-BLK HP-HMMC-3108-BLK Datasheet
793Kb / 8P
   DC-16 GHz Packaged Divide-by-8
More results

Similar Description - HMMC-3102-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-3104 HP-HMMC-3104 Datasheet
796Kb / 8P
   DC-16 GHz Packaged Divide-by-4 Prescaler
HMMC-3108 HP-HMMC-3108 Datasheet
793Kb / 8P
   DC-16 GHz Packaged Divide-by-8
HMMC-3128 HP-HMMC-3128 Datasheet
638Kb / 8P
   DC-12 GHz Packaged High Efficiency Divide-by-8 Prescaler
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
   DIVIDE- BY- 2 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
   Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
Agilent(Hewlett-Packard...
HMMC-3008 HP-HMMC-3008 Datasheet
785Kb / 9P
   DC-16 GHz GaAs HBT MMIC Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com