Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52FN484I Datasheet(PDF) 87 Page - Lattice Semiconductor

Part # LC5512MC-52FN484I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52FN484I Datasheet(HTML) 87 Page - Lattice Semiconductor

Back Button LC5512MC-52FN484I Datasheet HTML 83Page - Lattice Semiconductor LC5512MC-52FN484I Datasheet HTML 84Page - Lattice Semiconductor LC5512MC-52FN484I Datasheet HTML 85Page - Lattice Semiconductor LC5512MC-52FN484I Datasheet HTML 86Page - Lattice Semiconductor LC5512MC-52FN484I Datasheet HTML 87Page - Lattice Semiconductor LC5512MC-52FN484I Datasheet HTML 88Page - Lattice Semiconductor LC5512MC-52FN484I Datasheet HTML 89Page - Lattice Semiconductor LC5512MC-52FN484I Datasheet HTML 90Page - Lattice Semiconductor LC5512MC-52FN484I Datasheet HTML 91Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
87
Part Number Description
Ordering Information
Note: For voltage families offered in industrial temperature grades and for all but the slowest commercial speed
grade, the speed grades on these devices are dual marked. For example, the commercial speed grade -45XXXXC
is also marked with the industrial grade -75I. The commercial grade is always one speed grade faster than the
associated dual mark industrial grade. The slowest commercial speed grade is marked as commercial grade only.
Conventional Packaging
ispXPLD 5000MC (1.8V) Commercial Devices
Device
Part Number
Macrocells Voltage (V)
tPD (ns)
Package
Pin/Ball
Count
I/O
Grade
LC5256MC
LC5256MC-4F256C
256
1.8
4.0
fpBGA
256
141
C
LC5256MC-5F256C
256
1.8
5.0
fpBGA
256
141
C
LC5256MC-75F256C
256
1.8
7.5
fpBGA
256
141
C
LC5512MC
LC5512MC-45Q208C
512
1.8
4.5
PQFP
208
149
C
LC5512MC-75Q208C
512
1.8
7.5
PQFP
208
149
C
LC5512MC-45F256C
512
1.8
4.5
fpBGA
256
193
C
LC5512MC-75F256C
512
1.8
7.5
fpBGA
256
193
C
LC5512MC-45F484C
512
1.8
4.5
fpBGA
484
253
C
LC5512MC-75F484C
512
1.8
7.5
fpBGA
484
253
C
LC5768MC
LC5768MC-5F256C
768
1.8
5.0
fpBGA
256
193
C
LC5768MC-75F256C
768
1.8
7.5
fpBGA
256
193
C
LC5768MC-5F484C
768
1.8
5.0
fpBGA
484
317
C
LC5768MC-75F484C
768
1.8
7.5
fpBGA
484
317
C
Device Number
5256 = 256 Macrocells
5512 = 512 Macrocells
5768 = 768 Macrocells
51024 = 1,024 Macrocells
Supply Voltage
V = 3.3V
B = 2.5V
C = 1.8V
Memory
M
LC XXXXX X X – XX XX XXX X
Speed
4 = 4.0ns
45 = 4.5ns
5 = 5.0ns
52 = 5.2ns
75 = 7.5ns
Pin/Ball Count
208
256
484
672
Package
F = fpBGA
FN = Lead-Free fpBGA
Q = PQFP
Grade
C = Commercial
I = Industrial
Device Family
LC


Similar Part No. - LC5512MC-52FN484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52FN484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com