Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP36240 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSOP36240
Description  IR Receiver Modules for Remote Control Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP36240 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP36240 Datasheet HTML 1Page - Vishay Siliconix TSOP36240 Datasheet HTML 2Page - Vishay Siliconix TSOP36240 Datasheet HTML 3Page - Vishay Siliconix TSOP36240 Datasheet HTML 4Page - Vishay Siliconix TSOP36240 Datasheet HTML 5Page - Vishay Siliconix TSOP36240 Datasheet HTML 6Page - Vishay Siliconix TSOP36240 Datasheet HTML 7Page - Vishay Siliconix TSOP36240 Datasheet HTML 8Page - Vishay Siliconix TSOP36240 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TSOP362..
Document Number 82187
Rev. 1.6, 23-Oct-06
Vishay Semiconductors
www.vishay.com
1
16797
1
2
3
4
IR Receiver Modules for Remote Control Systems
Description
The TSOP362.. - series are miniaturized SMD-IR
Receiver Modules for infrared remote control sys-
tems. PIN diode and preamplifier are assembled on
lead frame, the epoxy package is designed as IR fil-
ter.
The demodulated output signal can directly be
decoded by a microprocessor. TSOP362.. is the stan-
dard IR remote control SMD-Receiver series, for 3 V
supply voltage supporting all major transmission
codes.
Features
• Photo detector and preamplifier in one
package
• Internal filter for PCM frequency
• Continuous data transmission possible
• TTL and CMOS compatibility
• Output active low
• Low power consumption
• High immunity against ambient light
• Supply voltage: 2.7 V to 5.5 V
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Special Features
• Improved immunity against ambient light
• Suitable burst length (
≥ 10 cycles/burst)
• Taping available for topview and sideview
assembly
Block Diagram
Mechanical Data
Pinning:
1 = GND, 2 = GND, 3 = VS, 4 = OUT
Parts Table
Application Circuit
30 k
Ω
VS
OUT
Demo-
GND
Pass
AGC
Input
PIN
Band
dulator
Control Circuit
3
4
1; 2
16839
Part
Carrier Frequency
TSOP36230
30 kHz
TSOP36233
33 kHz
TSOP36236
36 kHz
TSOP36237
36.7 kHz
TSOP36238
38 kHz
TSOP36240
40 kHz
TSOP36256
56 kHz
C1 =
4.7 µF
HSxxxx
OUT
GND
µC
R1 = 100 Ω
+ VS
GND
Transmitter
with
TSALxxxx
VS
R1 +C1 recommended to suppress power supply
disturbances.
VO
The output voltage should not be hold continuously at
a voltage belowVO = 2.0 Vby the external circuit.
17403
e3


Similar Part No. - TSOP36240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP36240 VISHAY-TSOP36240 Datasheet
413Kb / 13P
   IR Receiver Modules for Remote Control Systems
Rev. 1.9, 19-Jun-08
TSOP36240 VISHAY-TSOP36240 Datasheet
646Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 14-Sep-17
More results

Similar Description - TSOP36240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com