Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL071 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TL071
Description  Low noise JFET single operational amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL071 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TL071_08 Datasheet HTML 4Page - STMicroelectronics TL071_08 Datasheet HTML 5Page - STMicroelectronics TL071_08 Datasheet HTML 6Page - STMicroelectronics TL071_08 Datasheet HTML 7Page - STMicroelectronics TL071_08 Datasheet HTML 8Page - STMicroelectronics TL071_08 Datasheet HTML 9Page - STMicroelectronics TL071_08 Datasheet HTML 10Page - STMicroelectronics TL071_08 Datasheet HTML 11Page - STMicroelectronics TL071_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical characteristics
TL071
8/15
Parameter measurement information
Figure 15.
Voltage follower large signal pulse
response
Figure 16.
Output voltage versus elapsed time
6
4
2
0
-2
-4
0
0.5
1
1.5
2
2.5
3
3.5
TIME (ms)
-6
= 15V
VCC
RL = 2 kW
= 100pF
CL
T
amb = +25°C
OUTPUT
INPUT
t r
28
24
20
16
12
8
4
0
-4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
TIME (
μs)
10%
90%
OVERSHOOT
R
L = 2k Ω
T
amb = +25˚C
V
CC
= 15V
Figure 17.
Equivalent input noise voltage
versus frequency
Figure 18.
Total harmonic distortion versus
frequency
70
60
50
40
30
20
10
0
10
40
100
400
1k
4k
10k
40k 100k
FREQUENCY (Hz)
A V = 10
R S = 100 Ω
Tamb = +25˚C
VCC = 15V
1
0.4
0.1
0.04
0.01
0.004
0.001
100
400
1k
4k
10k
40k
100k
FREQUENCY (Hz)
A V = 1
T amb = +25˚C
V
CC = 15V
= 6V
V
O (rms)
A V = 1
T amb = +25˚C
= 6V
V
O (rms)
V
CC =
15V
Figure 19.
Voltage follower
Figure 20.
Gain-of-10 inverting amplifier
-
-
eI
TL071
eo
C
L= 100pF
R = 2k
Ω
L
-
eI
TL071
R L
C
L= 100pF
1k
Ω
10k
Ω
eo


Similar Part No. - TL071_08

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL071001AV1 TRANSKO-TL071001AV1 Datasheet
611Kb / 4P
   71.00 MHz IF SAW Filter / 95.00 kHz Bandwidth
Revision 0: 08 Nov. 2011
TL071001BV1 TRANSKO-TL071001BV1 Datasheet
603Kb / 4P
   71.00 MHz IF SAW Filter / 61.00 kHz Bandwidth
Revision 0: 29 Nov. 2011
TL071003AV1 TRANSKO-TL071003AV1 Datasheet
634Kb / 4P
   71.00 MHz IF SAW Filter / 390.00 kHz Bandwidth
Revision 0: 20 Sep. 2010
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
   LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_07 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL071_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
logo
Texas Instruments
TL072-EP TI1-TL072-EP Datasheet
619Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
   Low noise JFET quad operational amplifier
logo
Texas Instruments
TL074QDREP TI1-TL074QDREP Datasheet
830Kb / 19P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL072-EP TI-TL072-EP_15 Datasheet
864Kb / 20P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
   Single Operational Amplifier (Low Noise Operational Amplifier)
logo
Fairchild Semiconductor
KF351 FAIRCHILD-KF351 Datasheet
34Kb / 6P
   Single Operational Amplifier (JFET)
LF351 FAIRCHILD-LF351 Datasheet
40Kb / 8P
   Single Operational Amplifier (JFET)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com