Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2895DWG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2895DWG4
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895DWG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2895DWG4 Datasheet HTML 1Page - Texas Instruments UCC2895DWG4 Datasheet HTML 2Page - Texas Instruments UCC2895DWG4 Datasheet HTML 3Page - Texas Instruments UCC2895DWG4 Datasheet HTML 4Page - Texas Instruments UCC2895DWG4 Datasheet HTML 5Page - Texas Instruments UCC2895DWG4 Datasheet HTML 6Page - Texas Instruments UCC2895DWG4 Datasheet HTML 7Page - Texas Instruments UCC2895DWG4 Datasheet HTML 8Page - Texas Instruments UCC2895DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
UCC1895
UCC2895
UCC3895
SLUS157L − DECEMBER 1999 − REVISED APRIL 2008
5
www.ti.com
ELECTRICAL CHARACTERISTICS VDD = 12 V, RT = 82 kΩ, CT = 220 pF, RDELAB = 10 kΩ, RDELCD = 10 kΩ, CREF = 0.1 µF,
CVDD = 0.1 µF and no load on the outputs, TA = TJ. TA = 0°C to 70°C for UCC3895x, TA = −40°C to 85°C for UCC2895x and TA = −55°C to 125°C
for the UCC1895x. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CURRENT SENSE
ICS(bias)
Current sense bias current
0 V < CS < 2.5 V,
0 V ADS < 2.5 V
−4.5
20
µA
Peak current threshold
1.90
2.00
2.10
V
Overcurrent threshold
2.4
2.5
2.6
V
Current sense to output delay
0V
≤ CS ≤ 2.3 V,
DELAB=DELCD=REF
75
110
ns
SOFT-START/SHUTDOWN
ISOURCE
Softstart source current
SS/DISB = 3.0 V,
CS = 1.9 V
−40
−35
−30
µA
ISINK
Softstart sink current
SS/DISB = 3.0 V,
CS = 2.6 V
325
350
375
µA
Softstart/disable comparator threshold
0.44
0.50
0.56
V
ADAPTIVE DELAY SET (ADS)
DELAB/DELCD output voltage
ADS = CS = 0 V
0.45
0.50
0.55
V
DELAB/DELCD output voltage
ADS = 0 V,
CS = 2.0 V
1.9
2.0
2.1
V
tDELAY
Output delay(1)(3)
ADS = CS = 0 V
450
560
620
ns
ADS bias current
0 V < ADS < 2.5 V,
0 V < CS < 2.5 V
−20
20
µA
OUTPUT
VOH
High−level output voltage (all outputs)
IOUT = −10 mA,
VDD to output
250
400
mV
VOL
Low-level output voltage (all outputs)
IOUT = 10 mA
150
250
mV
tR
Rise time(1)
CLOAD = 100 pF
20
35
ns
tF
Fall time(1)
CLOAD = 100 pF
20
35
ns
(1) Ensured by design. Not production tested.
(2) Minimum phase shift is defined as:
F + 180
t
f (OUTC) * tf (OUTA)
t
PERIOD
or
F + 180
t
f (OUTC) * tf (OUTB)
t
PERIOD
where
tf(OUTA) = falling edge of OUTA signal, tf(OUTB) = falling edge of OUTB signal
tf(OUTC) = falling edge of OUTC signal, tf(OUTD) = falling edge of OUTD signal
tPERIOD = period of OUTA or OUTB signal
(3) Output delay is measured between OUTA/OUTB or OUTC/OUTD. Output delay is defined as shown below where:
tf(OUTA) = falling edge of OUTA signal, tr(OUTB) = rising edge of OUTB signal
t
PERIOD
OUTA
OUTC
OUTA
OUTB
Same applies to OUTB and OUTD
Same applies to OUTC and OUTD
tDELAY = tf(OUTC) − tf(OUTA)
tDELAY = tR(OUTB) − tf(OUTA)


Similar Part No. - UCC2895DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895DWG4 TI1-UCC2895DWG4 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
More results

Similar Description - UCC2895DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com