Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2895DWTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2895DWTR
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2895DWTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2895DWTR Datasheet HTML 7Page - Texas Instruments UCC2895DWTR Datasheet HTML 8Page - Texas Instruments UCC2895DWTR Datasheet HTML 9Page - Texas Instruments UCC2895DWTR Datasheet HTML 10Page - Texas Instruments UCC2895DWTR Datasheet HTML 11Page - Texas Instruments UCC2895DWTR Datasheet HTML 12Page - Texas Instruments UCC2895DWTR Datasheet HTML 13Page - Texas Instruments UCC2895DWTR Datasheet HTML 14Page - Texas Instruments UCC2895DWTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
UCC1895
UCC2895
UCC3895
SLUS157L − DECEMBER 1999 − REVISED APRIL 2008
11
www.ti.com
DETAILED PIN DESCRIPTION (continued)
Soft-Start/Disable (SS/DISB)
This pin combines two independent functions.
Disable Mode: A rapid shutdown of the chip is accomplished by externally forcing SS/DISB below 0.5 V,
externally forcing REF below 4 V, or if VDD drops below the undervoltage lockout threshold. In the case of REF
being pulled below 4 V or an undervoltage condition, SS/DISB is actively pulled to ground via an internal
MOSFET switch.
If an overcurrent fault is sensed (CS = 2.5 V), a soft-stop is initiated. In this mode, SS/DISB sinks a constant
current of (10
× IRT). The soft-stop continues until SS/DISB falls below 0.5 V. When any of these faults are
detected, all outputs are forced to ground immediately.
NOTE:If SS/DISB is forced below 0.5 V, the pin starts to source current equal to IRT. The only time
the part switches into low IDD current mode, though, is when the part is in undervoltage lockout.
Soft-start Mode: After a fault or disable condition has passed, VDD is above the start threshold, and/or
SS/DISB falls below 0.5 V during a soft-stop, SS/DISB switches to a soft-start mode. The pin then sources
current, equal to IRT. A user-selected resistor/capacitor combination on SS/DISB determines the soft start time
constant.
NOTE: SS/DISB actively clamps the EAOUT pin voltage to approximately the SS/DISB pin voltage
during both soft-start, soft-stop, and disable conditions.
Oscillator Synchronization (SYNC)
This pin is bidirectional (refer to Figure 1). When used as an output, SYNC can be used as a clock, which is the
same as the device’s internal clock. When used as an input, SYNC overrides the chip’s internal oscillator and
act as it’s clock signal. This bidirectional feature allows synchronization of multiple power supplies. Also, the
SYNC signal internally discharge the CT capacitor and any filter capacitors that are present on the RAMP pin.
The internal SYNC circuitry is level sensitive, with an input-low threshold of 1.9 V, and an input-high threshold
of 2.1 V. A resistor as small as 3.9 k
Ω may be tied between SYNC and GND to reduce the sync pulse width.
Chip Supply (VDD)
This is the input pin to the chip. VDD must be bypassed with a minimum of 1.0
µF low ESR, low ESL capacitor
to ground. The addition of a 10−
µF low ESR, low ESL between VDD and PGND is recommended.


Similar Part No. - UCC2895DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895DWTR TI-UCC2895DWTR Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2895DWTR TI1-UCC2895DWTR Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC2895DWTRG4 TI1-UCC2895DWTRG4 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
More results

Similar Description - UCC2895DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC1895 TI-UCC1895 Datasheet
291Kb / 14P
[Old version datasheet]   BiCMOS Advanced Phase Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com