Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61-26UWC Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # 61-26UWC
Description  Power White Surface Mount Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

61-26UWC Datasheet(HTML) 2 Page - A-BRIGHT Inc

  61-26UWC Datasheet HTML 1Page - A-BRIGHT Inc 61-26UWC Datasheet HTML 2Page - A-BRIGHT Inc 61-26UWC Datasheet HTML 3Page - A-BRIGHT Inc 61-26UWC Datasheet HTML 4Page - A-BRIGHT Inc 61-26UWC Datasheet HTML 5Page - A-BRIGHT Inc 61-26UWC Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT LED LAMPS
Part Number: 61-26UWC
ELECTRO-OPTICAL CHARACTERISTICS
(TA=25℃)
Value
Parameter
Test
Condition Symbol MIN. TYP. MAX.
Unit
Viewing angle at 50% IV
IF=10mA
2θ1/2
120
Deg
Forward voltage
IF=20mA
VF
2.8 --- 3.8
V
Luminous intensity
IF=20mA*2line
IV
5000 6300
---
mcd
Peak pulsing current (1/10 duty f=1kHz)
IFP
100
mA
Absolute maximum ratings
(TA=25℃)
Parameter
Symbol
Value
Unit
Forward current
IF
120
mA
Reverse voltage
VR
5
V
Reverse current
IR
10
µA
Power Consumptoin
PC
455
mW
Operating temperature range
Top
-40 ~+85
Storage temperature range
Tstg
-40 ~+100


Similar Part No. - 61-26UWC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
61-26UWC A-BRIGHT-61-26UWC Datasheet
341Kb / 6P
   SURFACE MOUNT LED LAMPS
61-26UWC A-BRIGHT-61-26UWC_15 Datasheet
341Kb / 6P
   Power White Surface Mount Device
More results

Similar Description - 61-26UWC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
61-23UWC A-BRIGHT-61-23UWC Datasheet
394Kb / 6P
   Power White Surface Mount Device
61-24UWC A-BRIGHT-61-24UWC_15 Datasheet
345Kb / 6P
   Power White Surface Mount Device
61-23UWC A-BRIGHT-61-23UWC_15 Datasheet
399Kb / 6P
   Power White Surface Mount Device
61-26UWC A-BRIGHT-61-26UWC_15 Datasheet
341Kb / 6P
   Power White Surface Mount Device
62-217AUW2C1H A-BRIGHT-62-217AUW2C1H Datasheet
1Mb / 13P
   Power White Surface Mount Device
61-24UWC A-BRIGHT-61-24UWC Datasheet
340Kb / 6P
   Power White Surface Mount Device
62-217AUW2C2H A-BRIGHT-62-217AUW2C2H Datasheet
1Mb / 11P
   Power White Surface Mount Device
61-23SWC A-BRIGHT-61-23SWC Datasheet
369Kb / 6P
   Power Sunset White Surface Mount Device
62-217ASW2C1H A-BRIGHT-62-217ASW2C1H Datasheet
948Kb / 10P
   Power Warm White Surface Mount Device
62-217ASW2C2H A-BRIGHT-62-217ASW2C2H Datasheet
1Mb / 11P
   Power Warm White Surface Mount Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com