Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C21164096LL-85BI Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V62C21164096LL-85BI
Description  256K x 16, 0.20 um CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C21164096LL-85BI Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V62C21164096LL-85BI Datasheet HTML 1Page - Mosel Vitelic, Corp V62C21164096LL-85BI Datasheet HTML 2Page - Mosel Vitelic, Corp V62C21164096LL-85BI Datasheet HTML 3Page - Mosel Vitelic, Corp V62C21164096LL-85BI Datasheet HTML 4Page - Mosel Vitelic, Corp V62C21164096LL-85BI Datasheet HTML 5Page - Mosel Vitelic, Corp V62C21164096LL-85BI Datasheet HTML 6Page - Mosel Vitelic, Corp V62C21164096LL-85BI Datasheet HTML 7Page - Mosel Vitelic, Corp V62C21164096LL-85BI Datasheet HTML 8Page - Mosel Vitelic, Corp V62C21164096LL-85BI Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOSEL VITELIC
1
V62C21164096
256K x 16, 0.20
µm CMOS STATIC RAM
PRELIMINARY
V62C21164096 Rev. 1.6 October 2001
Features
s High-speed: 70, 85 ns
s Ultra low CMOS standby current of 4µA (max.)
s Fully static operation
s All inputs and outputs directly TTL compatible
s Three state outputs
s Ultra low data retention current (VCC =1.2V)
s Operating voltage: 2.3V – 3.0V
s Packages
– 44-pin TSOP (Standard)
– 48-Ball CSP BGA (8mm x 10mm)
Description
The V62C21164096 is a 4,194,304-bit static
random-access memory organized as 262,144
words by 16 bits. Inputs and three-state outputs are
TTL compatible and allow for direct interfacing with
common system bus structures.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Power
Temperature
Mark
TB
70
85
L
LL
0
°Cto 70°C•
Blank
–40
°Cto +85°C•
I
Functional Block Diagram
Row
Decoder
1024 x 4096
Memory Array
Input
Data
Circuit
Column I/O
Column Decoder
Control
Circuit
VCC
GND
A0
A8
A9
A7
A6
I/O1
I/O16
LBE
OE
WE
UBE
A10
A17
CE1
CE2


Similar Part No. - V62C21164096LL-85BI

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2161024L MOSEL-V62C2161024L Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-100T MOSEL-V62C2161024L-100T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-55T MOSEL-V62C2161024L-55T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-70T MOSEL-V62C2161024L-70T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C2161024L-85T MOSEL-V62C2161024L-85T Datasheet
88Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C21164096LL-85BI

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2164096 MOSEL-V62C2164096 Datasheet
186Kb / 10P
   256K x 16, 0.17 um CMOS STATIC RAM
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1041BV33 CYPRESS-CY7C1041BV33 Datasheet
187Kb / 11P
   256K x 16 Static RAM
CY7C1041 CYPRESS-CY7C1041 Datasheet
182Kb / 10P
   256K x 16 Static RAM
CY62146CV18 CYPRESS-CY62146CV18 Datasheet
299Kb / 12P
   256K x 16 Static RAM
CY62147CV18 CYPRESS-CY62147CV18_02 Datasheet
300Kb / 11P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33 Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BN CYPRESS-CY7C1041BN Datasheet
483Kb / 10P
   256K x 16 Static RAM
CY7C1041BNV33 CYPRESS-CY7C1041BNV33_09 Datasheet
405Kb / 8P
   256K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com