Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-52Q484I Datasheet(PDF) 50 Page - Lattice Semiconductor

Part # LC5512MC-52Q484I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-52Q484I Datasheet(HTML) 50 Page - Lattice Semiconductor

Back Button LC5512MC-52Q484I Datasheet HTML 46Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 47Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 48Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 49Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 50Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 51Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 52Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 53Page - Lattice Semiconductor LC5512MC-52Q484I Datasheet HTML 54Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
50
ispXPLD 5000MX Power Supply and NC Connections
1
Signals
208 PQFP
4
256 fpBGA
3, 5
484 fpBGA, 5
3
672 fpBGA
3, 5
VCC
10, 49, 76, 114,
153, 180
D4, D13, F6, F11, L6,
L11, N4, N13
A17, A6, AA2, AA21, AB17,
AB6, B2, B21, D19, D4, F1,
F22, G10, G11, G12, G13, K16,
K7, L16, L7, M16, M7, T10, T11,
T12, T13, T14, T9, U1, U22,
W19, W4
AA21, AA6, F21, F6, G20, G7, J13,
J14, K13, K14, L13, L14, M13, M14,
N10, N11, N12, N15, N16, N17, N18,
N9, P10, P11, P12, P15, P16, P17,
P18, P9, R13, R14, T13, T14, U13,
U14, V13, V14, Y20, Y7
VCCO0
5, 17, 189, 204 A1, F7, G6
B9, C3, G8, G9, H7, J2, J7, P4 H10, H11, H8, H9, J8, J9, K8, L8, M8,
N8
VCCO1
42, 57, 72
K6, L7, T1
AA9, R7, T3, T8, Y3
P8, R8, T8, U8, V8, V9, W10, W11,
W8, W9
VCCO2
85, 100, 107,
121
K11, L10, T16
AA14, R16, T15, T20, Y20
P19, R19, T19, U19, V18, V19, W12,
W13, W14, W15, W16, W17, W18,
W19
VCCO3
146, 161, 176
A16, F10, G11
B14, C20, G14, G15, H16, J16,
J21, P19
H12, H13, H14, H15, H16, H17, H18,
H19, J18, J19, K19, L19, M19, N19
VCCP
136
J16
M22
N25
VCCJ
27
J1
M1
N4
GND
15, 29, 44, 81,
119, 148, 185,
7, 19, 191, 205,
40, 56, 70, 87,
101, 109, 123,
144, 160, 174
K1, C3, C14, E5, E12,
G7, G8, G9, G10, H7,
H8, H9, H10, J7, J8, J9,
J10, K7, K8, K9, K10,
M5, M12, P3
N1, A1, A2, A21, A22, AA1,
AA22, AB1, AB22, B1, B22,
C15, C8, D11, D12, E18, E5,
F17, F6, G16, G7, H10, H11,
H12, H13, H14, H15, H20, H3,
H8, H9, J10, J11, J12, J13, J14,
J15, J8, J9, K10, K11, K12,
K13, K14, K15, K8, K9, L10,
L11, L12, L13, L14, L15, L19,
L4, L8, L9, M10, M11, M12,
M13, M14, M19, M4, M9, N10,
N11, N12, N13, N14, N9, P10,
P11, P12, P13, P14, P9, R10,
R11, R12, R13, R14, R15, R8,
R9, T16, T7, W11, W12, Y15, Y8
A11, A16, A2, A25, AE1, AE2, AE25,
AE26, AF11, AF16, AF2, AF25, B1,
B2, B25, B26, J10, J11, J12, J15, J16,
J17, K10, K11, K12, K15, K16, K17,
K18, K9, L1, L10, L11, L12, L15, L16,
L17, L18, L26, L9, M10, M11, M12,
M15, M16, M17, M18, M9, N13, N14,
P13, P14, R10, R11, R12, R15, R16,
R17, R18, R9, T1, T10, T11, T12, T15,
T16, T17, T18, T26, T9, U10, U11,
U12, U15, U16, U17, U18, U9, V10,
V11, V12, V15, V16, V17
GNDP
134
K16
N22
P26
NC
2
5256MX: A2, A11, A12,
A15, B2, B12, B15,
B16, C4, C12, C15,
C16, D1, D11, D14,
D15, D16, E1, E4, E10,
E11, E13, E14, F4, F5,
F12, F13, L1, L4, M3,
M7, M13, N2, N6, P1,
P2, P5, P6, P13, P14,
P15, P16, R1, R2, R4,
R5, R6, R16, T2, T3,
T4, T5, T6
5512MX/5768MX: L1
5512MX: P1, AA19, AB2, AB21,
J17, J6, K1, K17, K18, K19, K2,
K20, K21, K22, K3, K4, K5, K6,
L1, L17, L18, L2, L20, L21, L22,
L3, L5, L6, M15, M17, M18, M2,
M20, M21, M3, M5, M6, M8,
N15, N17, N18, N19, N2, N20,
N21, N3, N4, N5, N6, N8, P15,
P17, P18, P2, P21, P22, P5,
P6, P8, U17, U6, V18, V5, W6
5768MX/51024MX: None
A12, A13, A14, A15, AA10, AA11,
AA12, AA13, AA14, AA15, AA16,
AA17, AA7, AB10, AB11, AB12,
AB13, AB14, AB15, AB16, AB17,
AC10, AC11, AC12, AC13, AC14,
AC15, AC16, AC17, AD11, AD12,
AD13, AD14, AD15, AD16, AE11,
AE12, AE13, AE14, AE15, AE16,
AF12, AF13, AF14, AF15, B11, B12,
B13, B14, B15, B16, C11, C12, C13,
C14, C15, C16, C3, D10, D11, D12,
D13, D14, D15, D16, D17, E10, E11,
E12, E13, E14, E15, E16, E17, E6,
E7, E8, F10, F11, F12, F13, F14, F15,
F16, F17, G10, G11, G12, G13, G14,
G15, G16, G17, Y10, Y11, Y12, Y13,
Y14, Y15, Y16, Y17
1. All grounds must be electrically connected at the board level.
2. NC pins should not be connected to any active signals, VCC or GND.
3. Balls for GND, VCC and VCCOX are connected within the substrate to their respective common signals. Pin orientation A1 starts from the
upper left corner of the top side view with alphabetical order ascending vertically and numerical order ascending horizontally.
4. Pin orientation follows the conventional counter-clockwise order from pin 1 marking of the topside view.
5. Internal GNDs and I/O GNDs (Bank 0 - Bank 3) are connected inside package. VCCO balls connect to four power planes within the pack-
age, one each for VCCOX.


Similar Part No. - LC5512MC-52Q484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-52Q484I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com