Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFE220E-6F900I Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # LFE220E-6F900I
Description  LatticeECP2/M Family Data Sheet
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFE220E-6F900I Datasheet(HTML) 3 Page - Lattice Semiconductor

  LFE220E-6F900I Datasheet HTML 1Page - Lattice Semiconductor LFE220E-6F900I Datasheet HTML 2Page - Lattice Semiconductor LFE220E-6F900I Datasheet HTML 3Page - Lattice Semiconductor LFE220E-6F900I Datasheet HTML 4Page - Lattice Semiconductor LFE220E-6F900I Datasheet HTML 5Page - Lattice Semiconductor LFE220E-6F900I Datasheet HTML 6Page - Lattice Semiconductor LFE220E-6F900I Datasheet HTML 7Page - Lattice Semiconductor LFE220E-6F900I Datasheet HTML 8Page - Lattice Semiconductor LFE220E-6F900I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 386 page
background image
1-2
Introduction
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Table 1-2. LatticeECP2M (Including “S-Series”) Family Selection Guide
Introduction
The LatticeECP2/M family of FPGA devices is optimized to deliver high performance features such as advanced
DSP blocks, high speed SERDES (LatticeECP2M family only) and high speed source synchronous interfaces in an
economical FPGA fabric. This combination was achieved through advances in device architecture and the use of
90nm technology.
The LatticeECP2/M FPGA fabric is optimized with high performance and low cost in mind. The LatticeECP2/M
devices include LUT-based logic, distributed and embedded memory, Phase Locked Loops (PLLs), Delay Locked
Loops (DLLs), pre-engineered source synchronous I/O support, enhanced sysDSP blocks and advanced configu-
ration support, including encryption (“S” versions only) and dual boot capabilities.
The LatticeECP2M device family features high speed SERDES with PCS. These high jitter tolerance and low trans-
mission jitter SERDES with PCS blocks can be configured to support an array of popular data protocols including
PCI Express, Ethernet (1GbE and SGMII), OBSAI and CPRI. Transmit Pre-emphasis and Receive Equalization
settings make SERDES suitable for chip to chip and small form factor backplane applications.
The ispLEVER
® design tool suite from Lattice allows large complex designs to be efficiently implemented using the
LatticeECP2/M FPGA family. Synthesis library support for LatticeECP2/M is available for popular logic synthesis
tools. The ispLEVER tool uses the synthesis tool output along with the constraints from its floor planning tools to
place and route the design in the LatticeECP2/M device. The ispLEVER tool extracts the timing from the routing
and back-annotates it into the design for timing verification.
Lattice provides many pre-engineered IP (Intellectual Property) ispLeverCORE™ modules for the LatticeECP2/M
family. By using these IP cores as standardized blocks, designers are free to concentrate on the unique aspects of
their design, increasing their productivity.
Device
ECP2M20
ECP2M35
ECP2M50
ECP2M70
ECP2M100
LUTs (K)
19
34
48
67
95
sysMEM Blocks (18kb)
66
114
225
246
288
Embedded Memory (Kbits)
1217
2101
4147
4534
5308
Distributed Memory (Kbits)
41
71
101
145
202
sysDSP Blocks
6
8
22
24
42
18x18 Multipliers
24
32
88
96
168
GPLL+SPLL+DLL
2+6+2
2+6+2
2+6+2
2+6+2
2+6+2
Maximum Available I/O
304
410
410
436
520
Packages and SERDES / I/O Combinations
256-ball fpBGA (17 x 17 mm)
4 / 140
4 / 140
484-ball fpBGA (23 x 23 mm)
4 / 304
4 / 303
4 / 270
672-ball fpBGA (27 x 27 mm)
4 / 410
8 / 372
900-ball fpBGA (31 x 31 mm)
8 / 410
16 / 416
16 / 416
1152-ball fpBGA (35 x 35 mm)
16 / 436
16 / 520


Similar Part No. - LFE220E-6F900I

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFE220E-6F900I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFSC LATTICE-LFSC Datasheet
2Mb / 237P
   LatticeSC/M Family Data Sheet
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com