Selected language     English  β–Ό


LC5512MC-75F672I Datasheet(PDF) 4 Page - Lattice Semiconductor

Part No. LC5512MC-75F672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLDβ„’ Family
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 
 4 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
4
Cascading For Wide Operation
In several modes it is possible to cascade adjacent MFBs to support wider operation. Table 2 details the different
cascading options. There are chains of MFBs in each device which determine those MFBs that are adjacent for the
purposes of cascading. Table 3 indicates these chains. The ispXPLD 5000MX design tools automatically cascade
blocks if required by a particular design.
Table 2. Cascading Modes For Wide Support
Table 3. MFB Cascade Chain
SuperWIDE Logic Mode
In logic mode, each MFB contains 32 macrocells and a fully populated, programmable AND-array with 160 logic
product terms and four control product terms. The MFB has 68 inputs from the Global Routing Pool, which are
available in both true and complement form for every product term. It is also possible to cascade adjacent MFBs to
create a block with 136 inputs. The four control product terms are used for shared reset, clock, clock enable, and
output enable functions. Figure 3 shows the overall structure of the MFB in logic mode while Figure 4 provides a
more detailed view from the perspective of a macrocell slice.
Mode
Cascading Function
Logic
Input Width. Allows two MFBs to act as a 136-input block.
Arithmetic. Allow the carry chain to pass between two MFBs.
FIFO
Memory Width Expansion. Allows MFBs to be cascaded for greater width support.
CAM
Memory Width Expansion. Allows up to four MFBs to be cascaded for greater width support.
Device
MFBs in Cascade Chain
ispXPLD 5256MX
A β†’ B β†’ C β†’ D
H -> G -> F -> E
ispXPLD 5512MX
A β†’ B β†’ C β†’ D β†’ E β†’ F β†’ G β†’ H
P β†’ Ο β†’ N β†’ M β†’ L β†’ K β†’ J β†’ I
ispXPLD 5768MX
D β†’ C β†’ B β†’ A β†’ X β†’ W β†’ V β†’ U β†’ T β†’ S β†’ R β†’ Q
E β†’ F β†’ G β†’ H β†’ I β†’ J β†’ K β†’ L β†’ M β†’ N β†’ O β†’ P
ispXPLD 51024MX
H β†’ G β†’ F β†’ E β†’ D β†’ C β†’ B β†’ A β†’ AF β†’ AE β†’ AD β†’ AC β†’ AB β†’ AA β†’ Z β†’ Y
I β†’ J β†’ K β†’ L β†’ M β†’ N β†’ O β†’ P β†’ Q β†’ R β†’ S β†’ T β†’ U β†’ V β†’ W β†’ X




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDCE949Programmable 4-PLL VCXO Clock Synthesizer with 1.8V 2.5V and 3.3V LVCMOS Outputs 1 2 3 4 5 MoreTexas Instruments
REG1117_08800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreTexas Instruments
MAX3000A_06Programmable Logic Device Family 1 2 3 4 5 MoreAltera Corporation
REG1117_1800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)
APEX20KProgrammable Logic Device Family 1 2 3 4 5 MoreAltera Corporation
REG1117_07800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)
SY89875U_072.5V 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
ISPPAC-POWR1208P1In-System Programmable Power Supply Sequencing Controller and Precision Monitor 1 2 3 4 5 MoreLattice Semiconductor
22LV10AZ-25CMOS Programmable Electrically Erasable Logic Device 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISPMACH4000ZE1.8V In-System Programmable Ultra Low Power PLDs 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl