Selected language     English  â–ź


LC5512MC-75F672I Datasheet(PDF) 7 Page - Lattice Semiconductor

Part No. LC5512MC-75F672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD™ Family
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LATTICE [Lattice Semiconductor]
Homepage  http://www.latticesemi.com
Logo 

 7 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
7
Figure 6. Dual-OR PT Sharing Array
Product Term Sharing Array
The Product Term Sharing Array (PTSA) consists of 32 inputs from the Dual-OR Array (Expandable PTSA OR) and
32 outputs directly to the macrocells. Each output is the OR term of any combination of the seven Expandable
PTSA OR terms connected to that output. Every Nth macrocell is connected to N-3, N-2, N-1, N, N+1, N+2 and
N+3 PTSA OR terms via a programmable connection. This wraps around the logic, for example, Macrocell 0 gets
its logic from 29, 30, 31, 0, 1, 2, 3. The Expandable PTSA OR used in conjunction with the PTSA allows wide func-
tions to be implemented easily and efciently. Without using the Expandable PTSA OR capability, the greatest
number of product terms that can be included in a single function with one pass of delay is 35. Up to 160 product
terms can be included in a single function through the use of the expandable PTSA OR capability. Figure 7 shows
the graphical representation of the PTSA.
Figure 7. Product Term Sharing Array (PTSA)
From
n-7
Carry
In
Carry
Out
To
n+7
From PT0
From PT1
From PT2
From PT3
From PT4
PTSA Bypass
To Macrocell
To I/O Block
To Macrocell
To Macrocell
To Macrocell
To PTSA
PT OE
PT Clock
PT Preset
PT Reset
N
PTSA OR 0
PTSA OR 1
PTSA OR 2
PTSA OR 3
PTSA OR 29
PTSA OR 30
PTSA OR 31
Macrocell 0
Macrocell 1
Macrocell 2
Macrocell 29
Macrocell 30
Macrocell 31




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CDCE949Programmable 4-PLL VCXO Clock Synthesizer with 1.8V 2.5V and 3.3V LVCMOS Outputs 1 2 3 4 5 MoreTexas Instruments
REG1117_08800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreTexas Instruments
MAX3000A_06Programmable Logic Device Family 1 2 3 4 5 MoreAltera Corporation
REG1117_1800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)
APEX20KProgrammable Logic Device Family 1 2 3 4 5 MoreAltera Corporation
REG1117_07800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)
SY89875U_072.5V 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
ISPPAC-POWR1208P1In-System Programmable Power Supply Sequencing Controller and Precision Monitor 1 2 3 4 5 MoreLattice Semiconductor
22LV10AZ-25CMOS Programmable Electrically Erasable Logic Device 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISPMACH4000ZE1.8V In-System Programmable Ultra Low Power PLDs 1 2 3 4 5 MoreLattice Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedŠ Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl