Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX256VIF1005 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # LX256VIF1005
Description  High Performance Interfacing and Switching
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VIF1005 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button LX256VIF1005 Datasheet HTML 5Page - Lattice Semiconductor LX256VIF1005 Datasheet HTML 6Page - Lattice Semiconductor LX256VIF1005 Datasheet HTML 7Page - Lattice Semiconductor LX256VIF1005 Datasheet HTML 8Page - Lattice Semiconductor LX256VIF1005 Datasheet HTML 9Page - Lattice Semiconductor LX256VIF1005 Datasheet HTML 10Page - Lattice Semiconductor LX256VIF1005 Datasheet HTML 11Page - Lattice Semiconductor LX256VIF1005 Datasheet HTML 12Page - Lattice Semiconductor LX256VIF1005 Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
9
Table 3. ispGDX2 Supported I/O Standards
The dedicated inputs support a subset of the sysIO standards indicated in Table 4. These inputs are associated
with a bank consistent with their location.
Table 4. I/O Standards Supported by Dedicated Inputs
For more information on the sysIO capability, please refer to Lattice technical note number TN1000, sysIO Design
and Usage Guidelines.
sysCLOCK PLL
The sysCLOCK PLL circuitry consists of Phase-Lock Loops (PLLs) along the various dividers and reset and feed-
back signals associated with the PLLs. This feature gives the user the ability to synthesize clock frequencies and
generate multiple clock signals for routing within the device. Furthermore, it can generate clock signals that are
deskewed either at the board level or the device level. Figure 6 shows the ispGDX2 PLL block diagram.
Each PLL has a set of PLL_RST, PLL_FBK and PLL_LOCK signals. In order to facilitate the multiply and divide
capabilities of the PLL, each PLL has associated dividers. The M divider is used to divide the clock signal, while the
sysIO Standard
Nominal VCCO
Nominal VREF
Nominal VTT
LVCMOS 3.3
3.3V
LVCMOS 2.5
2.5V
LVCMOS 1.8
1.8V
LVTTL
3.3V
PCI 3.3
3.3V
PCI -X
3.3V
AGP-1X
3.3V
SSTL3 class I & II
3.3V
1.5V
1.5V
SSTL2 class I & II
2.5V
1.25V
1.25V
CTT 3.3
3.3V
1.5V
1.5V
CTT 2.5
2.5V
1.25V
1.25V
HSTL class I
1.5V
0.75V
0.75V
HSTL class III
1.5V
0.9V
0.75V
HSTL class IV
1.5V
0.9V
1.5V
GTL+
1.8/2.5/3.3V
1.0V
1.5V
LVPECL
1, 2, 3
3.3V
LVDS
2.5/3.3V
Bus-LVDS
2.5/3.3V
1. LVPECL drivers require three resistor pack (see Figure 17).
2. Depending on the driving LVPECL output specification, GDX2 LVPECL input driver may require terminating resistors.
3. For additional information on LVPECL refer to Lattice technical note number TN1000, sysIO Design and Usage Guidelines.
LVCMOS
LVDS
All other ASIC I/Os
Global OE Pins
Yes
No
Yes
2
Global MUX Select Pins
Yes
No
Yes
2
Resetb
Yes
No
Yes
2
Global Clock/Clock Enables
Yes
Yes
Yes
2
ispJTAG™ Port
Yes
1
No
No
TOE
Yes
No
No
1. LVCMOS as defined by the VCCJ pin voltage.
2. No PCI clamp.


Similar Part No. - LX256VIF1005

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LX256V LATTICE-LX256V Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256V-35F484C LATTICE-LX256V-35F484C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX256V-35F484C LATTICE-LX256V-35F484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
LX256V-35FN484C LATTICE-LX256V-35FN484C Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
LX256V-35FN484C LATTICE-LX256V-35FN484C Datasheet
654Kb / 75P
   IC SWITCH DIGITAL 208FBGA
June 2010
More results

Similar Description - LX256VIF1005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1318 STMICROELECTRONICS-AN1318 Datasheet
63Kb / 9P
   INTERFACING BETWEEN LVDS AND HIGH
logo
ON Semiconductor
AN1568 ONSEMI-AN1568 Datasheet
86Kb / 10P
   Interfacing Between LVDS and ECL
October, 2003 ??Rev. 8
logo
ATMEL Corporation
C51 ATMEL-C51 Datasheet
49Kb / 4P
   CAN Interfacing
logo
Fairchild Semiconductor
AN-5029 FAIRCHILD-AN-5029 Datasheet
232Kb / 6P
   Interfacing Between PECL and LVDS Differential Technologies
logo
Analog Devices
AN-291 AD-AN-291 Datasheet
313Kb / 2P
   Asynchronous clock Interfacing
logo
TAITRON Components Inco...
MMBD4148-193 TAITRON-MMBD4148-193 Datasheet
136Kb / 4P
   High Performance Switching Diode
logo
ON Semiconductor
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Lowpower Semiconductor ...
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
   High Performance, Constant Current Switching
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
   High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com