Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFE270E-6QN208I Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LFE270E-6QN208I
Description  LatticeECP2/M Family Data Sheet
Download  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFE270E-6QN208I Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LFE270E-6QN208I Datasheet HTML 7Page - Lattice Semiconductor LFE270E-6QN208I Datasheet HTML 8Page - Lattice Semiconductor LFE270E-6QN208I Datasheet HTML 9Page - Lattice Semiconductor LFE270E-6QN208I Datasheet HTML 10Page - Lattice Semiconductor LFE270E-6QN208I Datasheet HTML 11Page - Lattice Semiconductor LFE270E-6QN208I Datasheet HTML 12Page - Lattice Semiconductor LFE270E-6QN208I Datasheet HTML 13Page - Lattice Semiconductor LFE270E-6QN208I Datasheet HTML 14Page - Lattice Semiconductor LFE270E-6QN208I Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 386 page
background image
2-8
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Delay Locked Loops (DLL)
In addition to PLLs, the LatticeECP2/M family of devices has two DLLs per device.
CLKI is the input frequency (generated either from the pin or routing) for the DLL. CLKI feeds into the output muxes
block to bypass the DLL, directly to the DELAY CHAIN block and (directly or through divider circuit) to the reference
input of the Phase Frequency Detector (PFD) input mux. The reference signal for the PFD can also be generated
from the Delay Chain and CLKFB signals. The feedback input to the PFD is generated from the CLKFB pin, CLKI
or from tapped signal from the Delay chain.
The PFD produces a binary number proportional to the phase and frequency difference between the reference and
feedback signals. This binary output of the PFD is fed into a Arithmetic Logic Unit (ALU). Based on these inputs,
the ALU determines the correct digital control codes to send to the delay chain in order to better match the refer-
ence and feedback signals. This digital code from the ALU is also transmitted via the Digital Control bus (DCNTL)
bus to its associated DLLDELA delay block. The ALUHOLD input allows the user to suspend the ALU output at its
current value. The UDDCNTL signal allows the user to latch the current value on the DCNTL bus.
The DLL has two independent clock outputs, CLKOP and CLKOS. These outputs can individually select one of the
outputs from the tapped delay line. The CLKOS has optional fine phase shift and divider blocks to allow this output
to be further modified, if required. The fine phase shift block allows the CLKOS output to phase shifted a further 45,
22.5 or 11.25 degrees relative to its normal position. Both the CLKOS and CLKOP outputs are available with
optional duty cycle correction. Divide by two and divide by four frequencies are available at CLKOS. The LOCK out-
put signal is asserted when the DLL is locked. Figure 2-6 shows the DLL block diagram and Table 2-5 provides a
description of the DLL inputs and outputs.
The user can configure the DLL for many common functions such as time reference delay mode and clock injection
removal mode. Lattice provides primitives in its design tools for these functions. For more information about the
DLL, please see the list of additional technical documentation at the end of this data sheet.
Figure 2-6. Delay Locked Loop Diagram (DLL)
CLKOP
CLKOS
LOCK
CLKFB
CLKI
ALUHOLD
DCNTL
UDDCNTL
Phase
Frequency
Detector
Delay3
Delay2
Delay1
Delay0
Delay4
Reference
Feedback
9
÷4
÷2
÷4
÷2
RSTN
(from routing
or external pin)
from CLKOP (DLL
internal), from clock net
(CLKOP) or from a user
clock (pin or logic)
Arithmetic
Logic Unit
Lock
Detect
Digital
Control
Output
Delay Chain
Output
Muxes
Duty
Cycle
50%
Duty
Cycle
50%


Similar Part No. - LFE270E-6QN208I

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFE270E-6QN208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFSC LATTICE-LFSC Datasheet
2Mb / 237P
   LatticeSC/M Family Data Sheet
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com