Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABM4A Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABM4A
Description  LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM4A Datasheet(HTML) 2 Page - Abracon Corporation

  ABM4A Datasheet HTML 1Page - Abracon Corporation ABM4A Datasheet HTML 2Page - Abracon Corporation ABM4A Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||||||||
ABM4A, ABM4B
LOW PROFILE CERAMIC SURFACE MOUNT
MICROPROCESSOR CRYSTALS
7.0 x 5.0 x 1.6 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
Dimensions: (inch) mm
OUTLINE DRAWING:
ABM4A:
ABM4B:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 12.28.07
Visit www.abracon.com for Terms & Conditions of Sale
RoHS
Compliant
Pb in Glass
(exempt per RoHS 2002/95/EC Annex (5))


Similar Part No. - ABM4A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM4A ABRACON-ABM4A Datasheet
165Kb / 3P
   LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
4.05.07
ABM4AAIG ABRACON-ABM4AAIG Datasheet
4Mb / 4P
   Automotive Grade Ceramic SMD Low Profile Microprocessor Crystal
More results

Similar Description - ABM4A

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM4A ABRACON-ABM4A Datasheet
165Kb / 3P
   LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
4.05.07
ABM7 ABRACON-ABM7 Datasheet
80Kb / 1P
   MINI LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
ABMC2 ABRACON-ABMC2 Datasheet
485Kb / 1P
   MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE
ABM3C ABRACON-ABM3C Datasheet
433Kb / 1P
   MICROPROCESSOR CRYSTALS ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABMM2 ABRACON-ABMM2 Datasheet
641Kb / 2P
   CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
05.01.07
ABMM2 ABRACON-ABMM2_15 Datasheet
1Mb / 3P
   CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
ABMM2-8.000MHZ-E2-T ABRACON-ABMM2-8.000MHZ-E2-T Datasheet
1Mb / 3P
   CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
01.18.13
ABMM-1 ABRACON-ABMM-1 Datasheet
833Kb / 2P
   CERAMIC SURFACE MOUNT LOW PROFILE QUARTZ CRYSTALS
07.08.10
ABSM2 ABRACON-ABSM2 Datasheet
102Kb / 1P
   MICROPROCESSOR CRYSTALS MOLDED PLASTIC SURFACE MOUNT
ABMM1 ABRACON-ABMM1_10 Datasheet
700Kb / 2P
   CERAMIC SURFACE MOUNT LOW PROFILE MICROPROCESSOR CRYSTAL
07.08.10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com