Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFXP230E6CFN484C Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LFXP230E6CFN484C
Description  LatticeXP2 Family Data Sheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP230E6CFN484C Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LFXP230E6CFN484C Datasheet HTML 7Page - Lattice Semiconductor LFXP230E6CFN484C Datasheet HTML 8Page - Lattice Semiconductor LFXP230E6CFN484C Datasheet HTML 9Page - Lattice Semiconductor LFXP230E6CFN484C Datasheet HTML 10Page - Lattice Semiconductor LFXP230E6CFN484C Datasheet HTML 11Page - Lattice Semiconductor LFXP230E6CFN484C Datasheet HTML 12Page - Lattice Semiconductor LFXP230E6CFN484C Datasheet HTML 13Page - Lattice Semiconductor LFXP230E6CFN484C Datasheet HTML 14Page - Lattice Semiconductor LFXP230E6CFN484C Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
2-8
Architecture
Lattice Semiconductor
LatticeXP2 Family Data Sheet
Figure 2-5. Clock Divider Connections
Clock Distribution Network
LatticeXP2 devices have eight quadrant-based primary clocks and between six and eight flexible region-based sec-
ondary clocks/control signals. Two high performance edge clocks are available on each edge of the device to sup-
port high speed interfaces. The clock inputs are selected from external I/Os, the sysCLOCK PLLs, or routing. Clock
inputs are fed throughout the chip via the primary, secondary and edge clock networks.
Primary Clock Sources
LatticeXP2 devices derive primary clocks from four sources: PLL outputs, CLKDIV outputs, dedicated clock inputs
and routing. LatticeXP2 devices have two to four sysCLOCK PLLs, located in the four corners of the device. There
are eight dedicated clock inputs, two on each side of the device. Figure 2-6 shows the primary clock sources.
RST
RELEASE
÷1
÷2
÷4
÷8
CLKOP (GPLL)
ECLK
CLKDIV


Similar Part No. - LFXP230E6CFN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

Similar Description - LFXP230E6CFN484C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-LATTICEXP2 LATTICE-LA-LATTICEXP2 Datasheet
1Mb / 83P
   LA-LatticeXP2 Family Data Sheet
LFXP2-8E-5QN208I LATTICE-LFXP2-8E-5QN208I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com