Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41002A4107M016 Datasheet(PDF) 7 Page - EPCOS

Part # B41002A4107M016
Description  Aluminum electrolytic capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41002A4107M016 Datasheet(HTML) 7 Page - EPCOS

Back Button B41002A4107M016 Datasheet HTML 3Page - EPCOS B41002A4107M016 Datasheet HTML 4Page - EPCOS B41002A4107M016 Datasheet HTML 5Page - EPCOS B41002A4107M016 Datasheet HTML 6Page - EPCOS B41002A4107M016 Datasheet HTML 7Page - EPCOS B41002A4107M016 Datasheet HTML 8Page - EPCOS B41002A4107M016 Datasheet HTML 9Page - EPCOS B41002A4107M016 Datasheet HTML 10Page - EPCOS B41002A4107M016 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single-ended capacitors
B41002
Compact – 85
°C
7
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk
002 = for cut leads, bulk
016 = for taped leads, Ammo pack, lead spacing a = 2.0 mm
007 = for taped leads, Ammo pack, lead spacing a = 2.5 mm
006 = for taped leads, Ammo pack, lead spacing a = 3.5 mm
008 = for taped leads, Ammo pack, lead spacing a = 5.0 mm
Technical data and ordering codes
VR
V DC
CR
120 Hz
20
°C
µF
Case
dimensions
d × l
mm
IAC,R
120 Hz
85
°C
mA
Ordering code
(composition see
below)
35
1.0
4
× 7
8.0
B41002A7105M***
1.5
4
× 7
10
B41002A7155M***
2.2
4
× 7
13
B41002A7225M***
3.3
4
× 7
16
B41002A7335M***
4.7
4
× 7
22
B41002A7475M***
6.8
4
× 7
26
B41002A7685M***
10
5
× 7
31
B41002A7106M***
15
5
× 7
40
B41002A7156M***
22
6.3
× 7
52
B41002A7226M***
33
6.3
× 7
70
B41002A7336M***
47
8
× 7
95
B41002A7476M***
50
0.1
4
× 7
1.0
B41002A6104M***
0.15
4
× 7
1.5
B41002A6154M***
0.22
4
× 7
2.3
B41002A6224M***
0.33
4
× 7
3.5
B41002A6334M***
0.47
4
× 7
5.0
B41002A6474M***
0.68
4
× 7
8.0
B41002A6684M***
1.0
4
× 7
10
B41002A6105M***
1.5
4
× 7
13
B41002A6155M***
2.2
4
× 7
16
B41002A6225M***
3.3
4
× 7
22
B41002A6335M***
4.7
4
× 7
26
B41002A6475M***
6.8
5
× 7
30
B41002A6685M***
10
5
× 7
38
B41002A6106M***
15
6.3
× 7
44
B41002A6156M***
22
8
× 7
60
B41002A6226M***
33
8
× 7
90
B41002A6336M***


Similar Part No. - B41002A4107M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41002A4107M016 EPCOS-B41002A4107M016 Datasheet
375Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B41002A4107M016

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com