Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFEC10E-3TN144I Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # LFEC10E-3TN144I
Description  LatticeECP/EC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC10E-3TN144I Datasheet(HTML) 3 Page - Lattice Semiconductor

  LFEC10E-3TN144I Datasheet HTML 1Page - Lattice Semiconductor LFEC10E-3TN144I Datasheet HTML 2Page - Lattice Semiconductor LFEC10E-3TN144I Datasheet HTML 3Page - Lattice Semiconductor LFEC10E-3TN144I Datasheet HTML 4Page - Lattice Semiconductor LFEC10E-3TN144I Datasheet HTML 5Page - Lattice Semiconductor LFEC10E-3TN144I Datasheet HTML 6Page - Lattice Semiconductor LFEC10E-3TN144I Datasheet HTML 7Page - Lattice Semiconductor LFEC10E-3TN144I Datasheet HTML 8Page - Lattice Semiconductor LFEC10E-3TN144I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 163 page
background image
1-2
Introduction
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Introduction
The LatticeECP/EC family of FPGA devices is optimized to deliver mainstream FPGA features at low cost. For
maximum performance and value, the LatticeECP™ (EConomy Plus) FPGA concept combines an efficient FPGA
fabric with high-speed dedicated functions. Lattice’s first family to implement this approach is the LatticeECP-
DSP™ (EConomy Plus DSP) family, providing dedicated high-performance DSP blocks on-chip. The LatticeEC™
(EConomy) family supports all the general purpose features of LatticeECP devices without dedicated function
blocks to achieve lower cost solutions.
The LatticeECP/EC FPGA fabric, which was designed from the outset with low cost in mind, contains all the critical
FPGA elements: LUT-based logic, distributed and embedded memory, PLLs and support for mainstream I/Os.
Dedicated DDR memory interface logic is also included to support this memory that is becoming increasingly prev-
alent in cost-sensitive applications.
The ispLEVER
® design tool suite from Lattice allows large complex designs to be efficiently implemented using the
LatticeECP/EC FPGA family. Synthesis library support for LatticeECP/EC is available for popular logic synthesis
tools. The ispLEVER tool uses the synthesis tool output along with the constraints from its floor planning tools to
place and route the design in the LatticeECP/EC device. The ispLEVER tool extracts the timing from the routing
and back-annotates it into the design for timing verification.
Lattice provides many pre-designed IP (Intellectual Property) ispLeverCORE™ modules for the LatticeECP/EC
family. By using these IPs as standardized blocks, designers are free to concentrate on the unique aspects of their
design, increasing their productivity.


Similar Part No. - LFEC10E-3TN144I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFEC10E-3T100C LATTICE-LFEC10E-3T100C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC10E-3T100I LATTICE-LFEC10E-3T100I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC10E-3T144C LATTICE-LFEC10E-3T144C Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
LFEC10E-3T144I LATTICE-LFEC10E-3T144I Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
More results

Similar Description - LFEC10E-3TN144I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFEC LATTICE-LFEC Datasheet
557Kb / 117P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com