Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C51864 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V62C51864
Description  8K X 8 STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C51864 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V62C51864 Datasheet HTML 1Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 2Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 3Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 4Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 5Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 6Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 7Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 8Page - Mosel Vitelic, Corp V62C51864 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MOSEL VITELIC
V62C51864
5
V62C51864 Rev. 2.1 June 1998
Data Retention Characteristics
NOTES:
1.
tRC = Read Cycle Time
2.
TA = +25°C.
Low VCC Data Retention Waveform (1) (CE1 Controlled)
Low VCC Data Retention Waveform (2) (CE2 Controlled)
Symbol
Parameter
Power
Min.
Typ.(2)
Max.
Units
VDR
VCC for Data Retention
CE
1 ³ VCC – 0.2V, CE2 £ 0.2V,
VIN ³ VCC – 0.2V, or VIN £ 0.2V
2.0
5.5
V
ICCDR
Data Retention Current
CE1 ³ VDR – 0.2V, CE2 £ 0.2V,
VIN ³ VCC – 0.2V, or VIN £ 0.2V
Com’l
L
0.5
50
mA
LL
0.5
10
Ind.
L
70
LL——20
tCDR
Chip Deselect to Data Retention Time
0
ns
tR
Operation Recovery Time (see Retention Waveform)
t
RC
(1)
——ns
VCC
51864 14
Data Retention Mode
CE1 ³ VCC – 0.2V
CE1
2.2V
2.2V
4.5V
tCDR
tR
VDR ³ 2V
4.5V
VCC
51864 15
Data Retention Mode
CE2 ² 0.2V
CE2
2.2V
2.2V
4.5V
tCDR
tR
VDR ³ 2V
4.5V


Similar Part No. - V62C51864

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024-1 MOSEL-V62C5181024-1 Datasheet
591Kb / 11P
   128K X 8 STATIC RAM
V62C5181024L-35P MOSEL-V62C5181024L-35P Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35PI MOSEL-V62C5181024L-35PI Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
V62C5181024L-35T MOSEL-V62C5181024L-35T Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
More results

Similar Description - V62C51864

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
logo
Dallas Semiconductor
DS2064 DALLAS-DS2064 Datasheet
73Kb / 9P
   8K x 8 Static RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185_06 Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264 Datasheet
253Kb / 8P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_09 Datasheet
260Kb / 9P
   8K x 8 Static RAM
CY7C185 CYPRESS-CY7C185_01 Datasheet
200Kb / 11P
   8K x 8 Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C185D CYPRESS-CY7C185D Datasheet
182Kb / 10P
   64K (8K x 8) Static RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com