Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45FN672I Datasheet(PDF) 35 Page - Lattice Semiconductor

Part # LC5512MV-45FN672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45FN672I Datasheet(HTML) 35 Page - Lattice Semiconductor

Back Button LC5512MV-45FN672I Datasheet HTML 31Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 32Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 33Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 34Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 35Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 36Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 37Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 38Page - Lattice Semiconductor LC5512MV-45FN672I Datasheet HTML 39Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
35
tFIFOWES
Write-Enable setup
before Write Clock
2.33
2.33
2.91
2.91
3.03
ns
tFIFOWEH
Write-Enable hold
after Write Clock
-2.95
-2.95
-2.36
-2.36
-2.27
ns
tFIFORES
Read-Enable setup
before Read Clock
2.69
2.35
2.79
2.38
4.14
ns
tFIFOREH
Read-Enable hold
after Read Clock
-3.17
-3.17
-2.53
-2.53
-2.44
ns
tFIFORSTO
Reset to Output
Delay
3.30
3.30
4.13
4.13
4.29
ns
tFIFORSTR
Reset Recovery
Time
1.20
1.20
1.50
1.50
1.56
ns
tFIFORSTPW
Reset Pulse Width
0.14
0.14
0.18
0.18
0.19
ns
tFIFORCLKO
Read Clock to FIFO
Out Delay
3.73
3.73
4.66
4.66
4.84
ns
CAM – Update Mode
tCAMMSS
Memory Select
Setup before CLK
1.40
0.70
1.50
1.40
1.44
ns
tCAMMSH
Memory Select
Hold after CLK
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tCAMENMSKS
Enable Mask
Register Setup
Time before CLK
-0.27
-0.27
-0.22
-0.22
-0.21
ns
tCAMENMSKH
Enable Mask
Register Setup
Time after CLK
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tCAMADDS
Address Setup
Time before Clock
-0.27
-0.27
-0.22
-0.22
-0.21
ns
tCAMADDH
Address Hold Time
after Clock
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tCAMDATAS
Data Setup Time
before Clock
-0.41
-0.41
-0.33
-0.33
-0.31
ns
tCAMDATAH
Data Hold Time
after Clock
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tCAMDCS
“Don’t Care” Setup
Time before Clock
-0.27
-0.27
-0.22
-0.22
-0.21
ns
tCAMDCH
“Don’t Care” Hold
Time after Clock
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tCAMRWS
R/W Setup Time
before Clock
-0.27
-0.27
-0.22
-0.22
-0.21
ns
tCAMRWH
R/W Enable Hold
Time after Clock
-0.01
-0.01
-0.01
-0.01
-0.01
ns
tCAMCES
Clock Enable Setup
Time before Clock
1.55
1.55
1.94
1.94
2.02
ns
tCAMCEH
Clock Enable Hold
Time after Clock
-2.95
-2.95
-2.36
-2.36
-2.27
ns
ispXPLD 5000MX Family Internal Switching Characteristics (Continued)
Over Recommended Operating Conditions
Parameter
Description
Base
Parameter
-4
-45
-5
-52
-75
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - LC5512MV-45FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com