Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-5FN672I Datasheet(PDF) 40 Page - Lattice Semiconductor

Part # LC5512MC-5FN672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-5FN672I Datasheet(HTML) 40 Page - Lattice Semiconductor

Back Button LC5512MC-5FN672I Datasheet HTML 36Page - Lattice Semiconductor LC5512MC-5FN672I Datasheet HTML 37Page - Lattice Semiconductor LC5512MC-5FN672I Datasheet HTML 38Page - Lattice Semiconductor LC5512MC-5FN672I Datasheet HTML 39Page - Lattice Semiconductor LC5512MC-5FN672I Datasheet HTML 40Page - Lattice Semiconductor LC5512MC-5FN672I Datasheet HTML 41Page - Lattice Semiconductor LC5512MC-5FN672I Datasheet HTML 42Page - Lattice Semiconductor LC5512MC-5FN672I Datasheet HTML 43Page - Lattice Semiconductor LC5512MC-5FN672I Datasheet HTML 44Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
40
ispXPLD 5000MX Family Timing Adders
Parameter
Description
Base
Param.
-4
-45
-5
-52
-75
Units
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
tIOI Input Adjusters
LVTTL_in
Using 3.3V TTL
tIOIN
0.0
0.0
0.0
0.0
0.0
ns
LVCMOS_18_in
Using 1.8V
CMOS
tIOIN
0.0
0.0
0.0
0.0
0.0
ns
LVCMOS_25_in
Using 2.5V
CMOS
tIOIN
0.0
0.0
0.0
0.0
0.0
ns
LVCMOS_33_in
Using 3.3V
CMOS
tIOIN
0.0
0.0
0.0
0.0
0.0
ns
AGP_1X_in
Using AGP 1x
tIOIN
1.0
1.0
1.0
1.0
1.0
ns
CTT25_in
Using CTT 2.5V
tIOIN
1.0
1.0
1.0
1.0
1.0
ns
CTT33_in
Using CTT 3.3V
tIOIN
1.0
1.0
1.0
1.0
1.0
ns
GTL+_in
Using GTL+
tIOIN
0.5
0.5
0.5
0.5
0.5
ns
HSTL_I_in
Using HSTL 2.5V,
Class I
tIOIN
0.5
0.5
0.5
0.5
0.5
ns
HSTL_III_in
Using HSTL 2.5V,
Class III
tIOIN
0.6
0.6
0.6
0.6
0.6
ns
HSTL_IV_in
Using HSTL 2.5V,
Class IV
tIOIN
0.6
0.6
0.6
0.6
0.6
ns
LVDS_in
Using Low Volt-
age Differential
Signaling (LVDS)
tIOIN
0.5
0.5
0.5
0.5
0.5
ns
LVPECL_in
Using Low
Voltage PECL
tIOIN
0.5
0.5
0.5
0.5
0.5
ns
PCI_in
Using PCI
tIOIN
1.0
1.0
1.0
1.0
1.0
ns
SSTL2_I_in
Using SSTL 2.5V,
Class I
tIOIN
0.5
0.5
0.5
0.5
0.5
ns
SSTL2_II_in
Using SSTL 2.5V,
Class II
tIOIN
0.5
0.5
0.5
0.5
0.5
ns
SSTL3_I_in
Using SSTL 3.3V,
Class I
tIOIN
0.6
0.6
0.6
0.6
0.6
ns
SSTL3_II_in
Using SSTL 3.3V,
Class II
tIOIN
0.6
0.6
0.6
0.6
0.6
ns
tIOO Output Adjusters – Output Signal Modifiers
Slow Slew
Using Slow Slew
(LVTTL and
LVCMOS
Outputs Only)
tIOBUF,
tIOEN
0.9
0.9
0.9
0.9
0.9
ns
tIOO Output Adjusters – Output Configurations
LVTTL_out
Using 3.3V TTL
Drive
tIOBUF,
tIOEN,
tIODIS
1.2
1.2
1.2
1.2
1.2
ns
LVCMOS_18_4mA_out
Using 1.8V
CMOS Standard,
4mA Drive
tIOBUF,
tIOEN,
tIODIS
0.3
0.3
0.3
0.3
0.3
ns
LVCMOS_18_5.33mA_out
Using 1.8V
CMOS Standard,
5.33mA Drive
tIOBUF,
tIOEN,
tIODIS
0.3
0.3
0.3
0.3
0.3
ns


Similar Part No. - LC5512MC-5FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-5FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com