Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFXP240E5IFN672C Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # LFXP240E5IFN672C
Description  LatticeXP2 Family Data Sheet
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFXP240E5IFN672C Datasheet(HTML) 2 Page - Lattice Semiconductor

  LFXP240E5IFN672C Datasheet HTML 1Page - Lattice Semiconductor LFXP240E5IFN672C Datasheet HTML 2Page - Lattice Semiconductor LFXP240E5IFN672C Datasheet HTML 3Page - Lattice Semiconductor LFXP240E5IFN672C Datasheet HTML 4Page - Lattice Semiconductor LFXP240E5IFN672C Datasheet HTML 5Page - Lattice Semiconductor LFXP240E5IFN672C Datasheet HTML 6Page - Lattice Semiconductor LFXP240E5IFN672C Datasheet HTML 7Page - Lattice Semiconductor LFXP240E5IFN672C Datasheet HTML 8Page - Lattice Semiconductor LFXP240E5IFN672C Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
www.latticesemi.com
1-1
DS1009 Introduction_01.2
February 2008
Data Sheet DS1009
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Features
■ flexiFLASH™ Architecture
• Instant-on
• Infinitely reconfigurable
• Single chip
• FlashBAK™ technology
• Serial TAG memory
• Design security
■ Live Update Technology
• TransFR™ technology
• Secure updates with 128 bit AES encryption
• Dual-boot with external SPI
■ sysDSP™ Block
• Three to eight blocks for high performance
Multiply and Accumulate
• 12 to 32 18x18 multipliers
• Each block supports one 36x36 multiplier or four
18x18 or eight 9x9 multipliers
■ Embedded and Distributed Memory
• Up to 885 Kbits sysMEM™ EBR
• Up to 83 Kbits Distributed RAM
■ sysCLOCK™ PLLs
• Up to four analog PLLs per device
• Clock multiply, divide and phase shifting
■ Flexible I/O Buffer
• sysIO™ buffer supports:
– LVCMOS 33/25/18/15/12; LVTTL
– SSTL 33/25/18 class I, II
– HSTL15 class I; HSTL18 class I, II
– PCI
– LVDS, Bus-LVDS, MLVDS, LVPECL, RSDS
■ Pre-engineered Source Synchronous
Interfaces
• DDR / DDR2 interfaces up to 200 MHz
• 7:1 LVDS interfaces support display applications
• XGMII
■ Density And Package Options
• 5k to 40k LUT4s, 86 to 540 I/Os
• csBGA, TQFP, PQFP, ftBGA and fpBGA packages
• Density migration supported
■ Flexible Device Configuration
• SPI (master and slave) Boot Flash Interface
• Dual Boot Image supported
• Soft Error Detect (SED) macro embedded
■ System Level Support
• IEEE 1149.1 and IEEE 1532 Compliant
• On-chip oscillator for initialization & general use
• Devices operate with 1.2V power supply
Table 1-1. LatticeXP2 Family Selection Guide
Device
XP2-5
XP2-8
XP2-17
XP2-30
XP2-40
LUTs (K)
5
8
17
29
40
Distributed RAM (KBits)
10
18
35
56
83
EBR SRAM (KBits)
166
221
276
387
885
EBR SRAM Blocks
9
12
15
21
48
sysDSP Blocks
34578
18 x 18 Multipliers
12
16
20
28
32
VCC Voltage
1.2
1.2
1.2
1.2
1.2
GPLL
22444
Max Available I/O
172
201
358
472
540
Packages and I/O Combinations
132-Ball csBGA (8 x 8 mm)
86
86
144-Pin TQFP (20 x 20 mm)
100
100
208-Pin PQFP (28 x 28 mm)
146
146
146
256-Ball ftBGA (17 x17 mm)
172
201
201
201
484-Ball fpBGA (23 x 23 mm)
358
363
363
672-Ball fpBGA (27 x 27 mm)
472
540
LatticeXP2 Family Data Sheet
Introduction


Similar Part No. - LFXP240E5IFN672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFXP2-17E-5F484C LATTICE-LFXP2-17E-5F484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5F484I LATTICE-LFXP2-17E-5F484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484C LATTICE-LFXP2-17E-5FN484C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FN484I LATTICE-LFXP2-17E-5FN484I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
LFXP2-17E-5FT256C LATTICE-LFXP2-17E-5FT256C Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
More results

Similar Description - LFXP240E5IFN672C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LA-LATTICEXP2 LATTICE-LA-LATTICEXP2 Datasheet
1Mb / 83P
   LA-LatticeXP2 Family Data Sheet
LFXP2-8E-5QN208I LATTICE-LFXP2-8E-5QN208I Datasheet
4Mb / 102P
   LatticeXP2 Family
July 2021
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
Microchip Technology
PIC18F66K22-I MICROCHIP-PIC18F66K22-I Datasheet
4Mb / 550P
   PIC18F87K22 Family Data Sheet
05/02/11
logo
Lattice Semiconductor
LFXP LATTICE-LFXP Datasheet
788Kb / 130P
   LatticeXP Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com