Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MC-75FN672I Datasheet(PDF) 62 Page - Lattice Semiconductor

Part # LC5512MC-75FN672I
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MC-75FN672I Datasheet(HTML) 62 Page - Lattice Semiconductor

Back Button LC5512MC-75FN672I Datasheet HTML 58Page - Lattice Semiconductor LC5512MC-75FN672I Datasheet HTML 59Page - Lattice Semiconductor LC5512MC-75FN672I Datasheet HTML 60Page - Lattice Semiconductor LC5512MC-75FN672I Datasheet HTML 61Page - Lattice Semiconductor LC5512MC-75FN672I Datasheet HTML 62Page - Lattice Semiconductor LC5512MC-75FN672I Datasheet HTML 63Page - Lattice Semiconductor LC5512MC-75FN672I Datasheet HTML 64Page - Lattice Semiconductor LC5512MC-75FN672I Datasheet HTML 65Page - Lattice Semiconductor LC5512MC-75FN672I Datasheet HTML 66Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
62
3
79N
K8
K5
L8
K9
F13
3
79P
K6
K4
L6
K7
F15
3
80N
K5
K3
L5
D16
3
80P
K4
K2
L4
E10
1
E16
3
81N
K2
K1
L2
K3
A12
A16
3
81P
K0
K0
L0
K1
A11
A15
GND (Bank 3)
GND (Bank 3) GND (Bank 3)
3
82N
L30
I15
K15
L31
162
B11
B15
——
VCCO3
——
VCCO3
VCCO3
3
82P
L28
I14
K14
L29
163
C11
A14
3
83N
L26
I13
K13
L27
164
B10
D15
3
83P
L24
I12
K12
L25
165
A10
E15
3
84N
L22
I11
K11
L23
166
C10
D14
3
84P
L21
I10
K10
167
D10
F14
3
85N
L20
I9
K9
168
C9
A13
3
85P
L18
I8
K8
L19
169
E9
B13
3
86N
L16/VREF3
I29
K29
L17
170
D9
C14
3
86P
L14
I28
K28
L15
171
F9
E14
3
87N
L12
I7
K7
L13
172
A9
E13
3
87P
L10
I6
K6
L11
173
F8
F12
GND (Bank 3)
174
GND (Bank 3) GND (Bank 3)
3
88N
L8
I5
K5
L9
175
E8
D13
——
VCCO3
176
VCCO3
VCCO3
3
88P
L6
I4
K4
L7
177
A8
C13
3
89N
L5
I3
K3
178
B9
E12
3
89P
L4
I2
K2
179
D8
C12
VCC
180
VCC
VCC
3
90N
L2
I1
K1
L3
181
B8
B12
3
90P
L0
I0
K0
L1
182
C8
A12
0
91N
M30
M31
O31
M31
183
B7
E11
0
91P
M28
M30
O30
M29
184
A7
C11
GND
185
GND
GND
GND
GND
0
92N
M26
M29
O29
M27
186
D7
B11
0
92P
M24
M28
O28
M25
187
C7
A11
0
93N
M22
M27
O27
M23
188
B6
F11
——
VCCO0
189
VCCO0
VCCO0
0
93P
M21
M26
O26
M22
190
E7
F10
GND (Bank 0)
191
GND (Bank 0) GND (Bank 0)
0
94N
M20
M25
O25
M21
192
E6
E10
0
94P
M18
M24
O24
M19
193
A6
C10
0
95N
M16/VREF0
M3
O3
M17
194
A5
D10
0
95P
M14
M2
O2
M15
195
A4
B10
ispXPLD 5512MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS
Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Input
208 PQFP
Pin Number
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1 Macrocell 2


Similar Part No. - LC5512MC-75FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MC-75FN672I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com