Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA080-120-41-30 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TA080-120-41-30
Description  8 - 12GHz 30 dBm Amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA080-120-41-30 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA080-120-41-30 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TA080-120-41-30
REV0_20050418
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
8 – 12GHz 30 dBm Amplifier
FEATURES
• P
1 dB: 30 dBm (min.)
• Bias Condition: 1.2 A @ 12 V
• Small Signal Gain: 41 dB
ELECTRICAL SPECIFICATIONS at 25
°C
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
8
12
GHz
SSG
Small Signal Gain
41
dB
GOF
Small Signal Gain Flatness
+/-1.0
+/-1.5
dB
NF
Noise Figure
3.5
4.0
dB
P1 dB
1 dB Compression Output Power
30
dBm
VSWR, IN
Input VSWR
2:1
-
VSWR, OUT
Output VSWR
2:1
-
VDC
DC Supply Voltage (with built-in regulator)
12
Volt
IDC
Current Supply
1.2
1.3
A
OTR
Operating Temperature Range
-30
70
°C
CASE: HA1
Connectors: SMA (F)


Similar Part No. - TA080-120-41-30

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA080-180-15-15 TRANSCOM-TA080-180-15-15 Datasheet
73Kb / 2P
   8 - 18 GHz 15 dBm Amplifier
More results

Similar Description - TA080-120-41-30

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA100-120-15-10 TRANSCOM-TA100-120-15-10 Datasheet
17Kb / 1P
   10 - 12GHz 10 dBm Amplifier
logo
United Monolithic Semic...
CHA6105 UMS-CHA6105_15 Datasheet
239Kb / 8P
   8-12GHz Driver Amplifier
CHA6105 UMS-CHA6105 Datasheet
228Kb / 8P
   8-12GHz Driver Amplifier
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
CHA6005-QEG UMS-CHA6005-QEG_15 Datasheet
541Kb / 12P
   8-12GHz High Power Amplifier
CHA6005-99F UMS-CHA6005-99F_15 Datasheet
283Kb / 10P
   8-12GHz High Power Amplifier
logo
Transcom, Inc.
TA080-180-15-15 TRANSCOM-TA080-180-15-15 Datasheet
73Kb / 2P
   8 - 18 GHz 15 dBm Amplifier
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710 Datasheet
193Kb / 15P
   10.5 - 12GHz High Power Amplifier
logo
List of Unclassifed Man...
CMM1530-LC ETC-CMM1530-LC Datasheet
451Kb / 4P
   1.85 to 1.91 GHz 3.0V, 30 dBm, PCS/PCN LCC-8 Power Amplifier
logo
ANADIGICS, Inc
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com