Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V62C1162048L-100M Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V62C1162048L-100M
Description  Ultra Low Power 128K x 16 CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C1162048L-100M Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V62C1162048L-100M Datasheet HTML 2Page - Mosel Vitelic, Corp V62C1162048L-100M Datasheet HTML 3Page - Mosel Vitelic, Corp V62C1162048L-100M Datasheet HTML 4Page - Mosel Vitelic, Corp V62C1162048L-100M Datasheet HTML 5Page - Mosel Vitelic, Corp V62C1162048L-100M Datasheet HTML 6Page - Mosel Vitelic, Corp V62C1162048L-100M Datasheet HTML 7Page - Mosel Vitelic, Corp V62C1162048L-100M Datasheet HTML 8Page - Mosel Vitelic, Corp V62C1162048L-100M Datasheet HTML 9Page - Mosel Vitelic, Corp V62C1162048L-100M Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Timing Waveform of Read Cycle 1 (Address Controlled)
t
RC
t
AA
t
OH
Data Valid
Address
Data Out
Timing Waveform of Read Cycle 2
t
OHZ
t
RC
t
OLZ
t
ACE
t
LZ(4,5)
CE
Previous Data Valid
Address
t
OH
t
AA
t
OE
t
BA
t
BLZ(4,5)
t
BHZ(3,4,5)
t
HZ(3,4,5)
(BLE/BHE)
OE
Data Out
Data Valid
High-Z
V62C1162048L(L)
6
Notes (Read Cycle)
1. WE are high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3.
t
HZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition referenced to VOH or VOL levels.
4. At any given temperature and voltage condition
t
HZ (max.) is less than tLZ (min.) both for a given device and from device to
device.
5. Transition is measured + 200mV from steady state voltage with load. This parameter is sampled and not 100% tested.
6. Device is continuously selected with CE = VIL.
7. Address valid prior to coincident with CE transition Low.
8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write
cycle.
9. For test conditions, see AC Test Condition, Figure A.
REV. 1.2 May 2001 V62C1162048L(L)


Similar Part No. - V62C1162048L-100M

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C1161024L MOSEL-V62C1161024L Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-100T MOSEL-V62C1161024L-100T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-120T MOSEL-V62C1161024L-120T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-70T MOSEL-V62C1161024L-70T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
V62C1161024L-85T MOSEL-V62C1161024L-85T Datasheet
119Kb / 10P
   Ultra Low Power 64K x 16 CMOS SRAM
More results

Similar Description - V62C1162048L-100M

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2162048L MOSEL-V62C2162048L Datasheet
117Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
V62C3162048L MOSEL-V62C3162048L Datasheet
109Kb / 13P
   Ultra Low Power 128K x 16 CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com