Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA020-180-70-17 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TA020-180-70-17
Description  2 - 18 GHz 70dB Gain Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA020-180-70-17 Datasheet(HTML) 1 Page - Transcom, Inc.

  TA020-180-70-17 Datasheet HTML 1Page - Transcom, Inc. TA020-180-70-17 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TA020-180-70-17
PRE.1_04/12/2005
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 2
2 – 18 GHz 70dB Gain Amplifier
FEATURES
• P
sat dB: 17dBm(min.)
• NF : 7.5dB(max)
• Gain : 70dB(min.)
• Bias Condition: 600mA(max.) @ 15V
ELECTRICAL SPECIFICATIONS at 25
°C
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
2
18
GHz
Gain
Gain
70
78
dB
GOF
Small Signal Gain Flatness (PTP)
±1.5
dB
NF
Noise Figure (over temp. & freq.)
7.5
dB
Psat
Saturation Output Power
17
21
dBm
Pin
Power Input no Damage
-43
-7
dBm
VSWR, IN
Input VSWR
2.0:1
-
VSWR, OUT Output VSWR
2.0:1
-
Vdc
DC Supply Voltage
15
Volt
Idc
Current Supply at Pin 17dBm
600
mA
OTR
Operating Temperature Range
0
50
°C
Case : As shown attached..


Similar Part No. - TA020-180-70-17

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA020-180-20-10 TRANSCOM-TA020-180-20-10 Datasheet
33Kb / 1P
   2 - 18 GHz 13 dBm Amplifier
TA020-180-28-16 TRANSCOM-TA020-180-28-16 Datasheet
17Kb / 1P
   2 -18 GHz 16 dBm Amplifier
More results

Similar Description - TA020-180-70-17

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA6345 TRIQUINT-TGA6345 Datasheet
542Kb / 6P
   2 - 18 GHz Gain Block Amplifier
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Teledyne Technologies I...
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2003 TELEDYNE-CLA-18-2003 Datasheet
894Kb / 2P
   Amplifier 2 GHz - 18 GHz
TMA-18-2002 TELEDYNE-TMA-18-2002 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 18 GHz
TGM-18-2004 TELEDYNE-TGM-18-2004 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 18 GHz
TGM-18-2005 TELEDYNE-TGM-18-2005 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 18 GHz
TGM-18-2001 TELEDYNE-TGM-18-2001 Datasheet
907Kb / 2P
   Module Amplifier 2 GHz - 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com