Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3957 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC3957
Description  1W Packaged Single-Bias PHEMT GaAs Power FETs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3957 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC3957 Datasheet HTML 1Page - Transcom, Inc. TC3957 Datasheet HTML 2Page - Transcom, Inc. TC3957 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC3957
REV2_20080516
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
ABSOLUTE MAXIMUM RATINGS (TA=25 °°C)
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
12 V
Pin
RF Input Power, CW
26 dBm
PT
Continuous Dissipation
3 W
TCH
Channel Temperature
175 °C
TSTG
Storage Temperature
- 65 °C to +175 °C
RECOMMANDED OPERATING CONDITION
Symbol
Parameter
Rating
VDS
Drain to Source Voltage
8 V
HANDLING PRECAUTIONS:
The user must operate in a clean, dry environment.
Electrostatic Discharge (ESD) precautions should
be observed at all stages of storage, handling,
assembly, and testing. The static discharge must be
less than 300V.
TYPICAL SCATTERING PARAMETERS (TA=25[)
Power Bias : VDS = 8 V
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
³
0.8771
³ -169.70 ³
4.7327
³
63.74
³
0.0502
³
-12.55
³
0.3727
³ -162.37 ³
3
³
0.8138
³ 161.54 ³
3.3265
³
32.43
³
0.0506
³
-11.65
³
0.3511
³ -177.70 ³
4
³
0.7667
³ 139.73 ³
2.6305
³
5.72
³
0.0619
³
-14.13
³
0.3464
³ 172.54 ³
5
³
0.7226
³ 119.09 ³
2.2550
³
-19.69
³
0.0769
³
-23.02
³
0.3433
³ 163.24 ³
6
³
0.6779
³
97.92
³
2.0514
³
-45.40
³
0.0979
³
-36.57
³
0.3409
³ 153.98 ³
7
³
0.6332
³
73.98
³
1.9521
³
-73.02
³
0.1221
³
-54.71
³
0.3298
³ 142.20 ³
8
³
0.5922
³
45.49
³
1.9171
³
-103.41
³
0.1545
³
-78.11
³
0.3119
³ 126.20 ³
9
³
0.5628
³
9.60
³
1.9021
³
-136.54
³
0.1909
³ -105.36 ³
0.2676
³ 102.60 ³
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
9GHz
Swp Min
2GHz
S11
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
9 GHz
Swp Min
2 GHz
Mag Max
0.3
0.075
Per Div
S12
0
15
30
150
165
-180
-165
-150
-30
-15
Swp Max
9 GHz
Swp Min
2 GHz
Mag Max
8
2
Per Div
S21
10.0
5.0
3.0
4.0
-0.2
-0.4
Swp Max
9GHz
Swp Min
2GHz
S22


Similar Part No. - TC3957

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC395 ETC1-TC395 Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
logo
Transcom, Inc.
TC3953 TRANSCOM-TC3953 Datasheet
83Kb / 2P
   1 W Single-Bias GaAs Power PHEMTs prematched for 5~8 GHz
TC3953A TRANSCOM-TC3953A Datasheet
91Kb / 2P
   1W Single-Bias and Prematched GaAs Power PHEMTs using SMT package
logo
List of Unclassifed Man...
TC395AL ETC1-TC395AL Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
TC395CL ETC1-TC395CL Datasheet
421Kb / 3P
   DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER
More results

Similar Description - TC3957

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3938 TRANSCOM-TC3938 Datasheet
192Kb / 3P
   Packaged Single-Bias Medium Power PHEMT GaAs FETs
TC3947 TRANSCOM-TC3947 Datasheet
194Kb / 3P
   0.5W Packaged Single-Bias PHEMT GaAs Power FETs
TC3977 TRANSCOM-TC3977 Datasheet
28Kb / 1P
   3 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3879 TRANSCOM-TC3879 Datasheet
58Kb / 2P
   7 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3967 TRANSCOM-TC3967 Datasheet
97Kb / 2P
   2 W Packaged Single-Bias PHEMT GaAs Power FETs
TC3928 TRANSCOM-TC3928 Datasheet
155Kb / 2P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
TC3918 TRANSCOM-TC3918 Datasheet
229Kb / 3P
   Packaged Single-Bias Low Noise PHEMT GaAs FETs
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
TC3889 ETC1-TC3889 Datasheet
162Kb / 1P
   5W Packaged Self-Bias PHEMT GaAs Power FETs
TC3967 ETC1-TC3967 Datasheet
25Kb / 1P
   2W Packaged Self-Bias PHEMT GaAs Power FETs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com