Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM060-180-09-26 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TM060-180-09-26
Description  6-18 GHz 26 dBm Gain Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TM060-180-09-26 Datasheet(HTML) 1 Page - Transcom, Inc.

  TM060-180-09-26 Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TM060-180-09-26
PRE.0_11/16/2004
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
6-18 GHz 26 dBm Gain Module
FEATURES
• P
-1 dB: 26 dBm
• Small Signal Gain: 9.0 dB
• Bias Condition: 200 mA @ 8 V
ELECTRICAL SPECIFICATIONS (Ta = 25
°°°°C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
6
18
GHz
SSG
Small Signal Gain
8.0
9.0
dB
GOF
SSG Flatness
± 0.4
± 0.5
dB
P-1 dB
Output Power at 1 dB Gain Compression
25.5
26
dBm
P-3 dB
Output Power at 3 dB Gain Compression
27
28
dBm
VSWR, IN
Input VSWR
1.7:1
1.8:1
-
VSWR, OUT
Output VSWR
1.7:1
1.8:1
-
VDC
Supply Voltage
8
Volt
IDC
Current Supply
200
240
mA
CARRIER: S41 / Z41 / S42 / Z42


Similar Part No. - TM060-180-09-26

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TM060-180-05-29 TRANSCOM-TM060-180-05-29 Datasheet
166Kb / 2P
   6-18GHz 1W Balanced Amplifier Module
More results

Similar Description - TM060-180-09-26

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TM060-180-11-21 TRANSCOM-TM060-180-11-21 Datasheet
23Kb / 1P
   6-18 GHz 21 dBm Gain Module
TM060-180-10-14 TRANSCOM-TM060-180-10-14 Datasheet
25Kb / 1P
   6 - 18 GHz 14 dBm Gain Module
TM008-055-07-26 TRANSCOM-TM008-055-07-26 Datasheet
25Kb / 1P
   0.8 - 5.5 GHz 26 dBm Gain Module
TM005-180-09-03 TRANSCOM-TM005-180-09-03 Datasheet
27Kb / 1P
   0.5 ~ 18 GHz 5 dBm Gain Module
TM010-180-12-13 TRANSCOM-TM010-180-12-13 Datasheet
26Kb / 1P
   1-18 GHz 13 dBm Gain Module
TM020-180-11-19 TRANSCOM-TM020-180-11-19 Datasheet
23Kb / 1P
   2 - 18 GHz 10.5 dB 19 dBm MIC Gain Module
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
TM008-055-08-23 TRANSCOM-TM008-055-08-23 Datasheet
25Kb / 1P
   0.8 - 5.5 GHz 23 dBm Gain Module
TM008-055-11-17 TRANSCOM-TM008-055-11-17 Datasheet
26Kb / 1P
   0.8 - 5.5 GHz 17 dBm Gain Module
TM040-060-10-37 TRANSCOM-TM040-060-10-37 Datasheet
23Kb / 1P
   4 ~ 6 GHz 37 dBm Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com