Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5512MV-45FN208C Datasheet(PDF) 61 Page - Lattice Semiconductor

Part # LC5512MV-45FN208C
Description  3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LC5512MV-45FN208C Datasheet(HTML) 61 Page - Lattice Semiconductor

Back Button LC5512MV-45FN208C Datasheet HTML 57Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 58Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 59Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 60Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 61Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 62Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 63Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 64Page - Lattice Semiconductor LC5512MV-45FN208C Datasheet HTML 65Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
Lattice Semiconductor
ispXPLD 5000MX Family Data Sheet
61
3
61N
I14
I23
K23
I15
149
G13
D22
3
61P
I12
I22
K22
I13
150
G12
D21
3
62N
I10
I21
K21
I11
151
F14
J20
3
62P
I8/CLK_OUT1
I20
K20
I9
152
E15
J19
3
63N
I6
K31
I7
F12
E20
——
VCC
153
VCC
VCC
3
63P
I4
K30
L30
I5
F13
F20
3
64N
I2
K29
L28
I3
D16
H17
3
64P
I0
K28
L26
I1
D15
H18
GND (Bank 3)
GND (Bank 3) GND (Bank 3)
3
65N
J30
K27
J31
J18
——
VCCO3
——
VCCO3
VCCO3
3
65P
J28
K26
J29
H19
3
66N
J26
K25
J27
G20
3
66P
J24
K24
J25
G19
3
67N
J22
K23
J23
C22
3
67P
J20
K22
J21
C21
3
68N
J18
K21
J19
D20
3
68P
J16
K20
J17
C19
3
69N
J14
K19
J15
C16
F19
3
69P
J12
K18
J13
B16
E19
GND (Bank 3)
GND (Bank 3) GND (Bank 3)
3
70N
J10
K17
J11
C15
G18
——
VCCO3
——
VCCO3
VCCO3
3
70P
J8
K16
J9
B15
F18
3
71N
J6
K15
J7
E14
B20
3
71P
J4
K14
J5
D14
B19
3
72N
J2
K13
J3
E13
A20
3
72P
J0
K12
J1
A15
A19
3
73N
K30
I19
K19
K31
154
D12
D18
3
73P
K28
I18
K18
K29
155
B14
C18
3
74N
K26
I17
K17
K27
156
C13
G17
3
74P
K24
I16
K16
K25
157
A14
F16
3
75N
K22
I31
K31
K23
158
A13
E17
3
75P
K21
I30
K30
159
B13
D17
GND (Bank 3)
160
GND (Bank 3) GND (Bank 3)
3
76N
K20
K11
L21
D11
B18
——
VCCO3
161
VCCO3
VCCO3
3
76P
K18
K10
L20
K19
B12
A18
3
77N
K16
K9
L18
K17
C12
C17
3
77P
K14
K8
L16
K15
E11
B17
3
78N
K12
K7
L12
K13
C16
3
78P
K10
K6
L10
K11
B16
ispXPLD 5512MX Logic Signal Connections (Continued)
sysIO
Bank
LVDS
Pair
Primary Macrocell/
Function
Alternate Outputs
Alternate
Input
208 PQFP
Pin Number
256 fpBGA
Ball Number
484 fpBGA
Ball Number
Macrocell 1 Macrocell 2


Similar Part No. - LC5512MV-45FN208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5512MC-45F256C LATTICE-LC5512MC-45F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45F484C LATTICE-LC5512MC-45F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-45Q208C LATTICE-LC5512MC-45Q208C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F256C LATTICE-LC5512MC-75F256C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC5512MC-75F484C LATTICE-LC5512MC-75F484C Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
More results

Similar Description - LC5512MV-45FN208C

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LC5256MC LATTICE-LC5256MC Datasheet
427Kb / 92P
   3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD??Family
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
LC4032C LATTICE-LC4032C Datasheet
483Kb / 74P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
logo
Altera Corporation
EPM7064LI44-15 ALTERA-EPM7064LI44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3512AQC208-10N ALTERA-EPM3512AQC208-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM7064STI44-7N ALTERA-EPM7064STI44-7N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8452AQC160-3 ALTERA-EPF8452AQC160-3 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM7064STI44-7 ALTERA-EPM7064STI44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7032LC44-15 ALTERA-EPM7032LC44-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com