Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1168A Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT1168A
Description  TRIPLE-CHANNEL TFT LCD POWER SOLUTION WITH OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1168A Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT1168A Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1168A Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1168A Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1168A Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1168A Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT1168A Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT1168A Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT1168A Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT1168A Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Advanced Analog Technology, Inc.
May 2008
台灣類比科技股份有限公司
Advanced Analog Technology, Inc. –
Version 1.00
Page 9 of 22
AAT1168/1168A/1168B
PIN DESCRIPTION
PIN NO.
QFN-32
NAME
I/O
DESCRIPTION
1
VOUT3
-
Channel 3 Output Voltage (gate high voltage input)
2
VREF
O
Internal Reference Voltage Output
3
GND
-
Ground
4
GND1
-
SW MOS Ground
5
VO1
O
Operational Amplifier 1 Output
6
VI1–
I
Operational Amplifier 1 Negative Input
7
VI1+
I
Operational Amplifier 1 Positive Input
8
VO2
O
Operational Amplifier 2 Output
9
VI2–
I
Operational Amplifier 2 Negative Input
10
VI2+
I
Operational Amplifier 2 Positive Input
11
GND2
-
Ground for Operational Amplifiers
12
VI3+
I
VCOM Operational Amplifier Positive Input
13
VO3
I
VCOM Operational Amplifier Output
14
VDD1
-
High Voltage Power Supply Input
15
VI4+
I
Operational Amplifier 4 Positive Input
16
VI4–
I
Operational Amplifier 4 Negative Input
17
VO4
O
Operational Amplifier 4 Output
18
VI5+
I
Operational Amplifier 5 Positive Input
19
VI5–
I
Operational Amplifier 5 Negative Input
20
VO5
O
Operational Amplifier 5 Output
21
SW
-
Main PWM Switching Pin
22
VDD
-
Power Supply Input
23
IN1
I
Main PWM Feedback Pin
24
EO
O
Main PWM Error Amplifier Output
25
IN3
I
Positive Charge Pump Feedback Pin
26
OUT3
O
Positive Charge Pump Output
27
IN2
I
Negative Charge Pump Feedback Pin


Similar Part No. - AAT1168A

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1160 AAT-AAT1160 Datasheet
372Kb / 14P
   Step Up Current Mode PWM Converter with 41 Operational Amplifiers
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1160IRN-0.6-T1 ANALOGICTECH-AAT1160IRN-0.6-T1 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
   13.2V Input, 3A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
   Soft Start Function
More results

Similar Description - AAT1168A

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1164-Q5-T AAT-AAT1164-Q5-T Datasheet
1Mb / 24P
   TRIPLE-CHANNEL TFT LCD POWER SOLUTION
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com