Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1168A-Q5-T Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT1168A-Q5-T
Description  TRIPLE-CHANNEL TFT LCD POWER SOLUTION WITH OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1168A-Q5-T Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT1168A-Q5-T Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1168A-Q5-T Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1168A-Q5-T Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1168A-Q5-T Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1168A-Q5-T Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1168A-Q5-T Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1168A-Q5-T Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1168A-Q5-T Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1168A-Q5-T Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Advanced Analog Technology, Inc.
May 2008
台灣類比科技股份有限公司
Advanced Analog Technology, Inc. –
Version 1.00
Page 4 of 22
AAT1168/1168A/1168B
ELECTRICAL CHARACTERISTICS
( VDD = 2.6V to 5.5V, TC = –40 C
°
to 85
C
°
, unless otherwise specified. Typical values are tested at 25
C
°
ambient
temperature, VDD = 5V, VDD1 = 10V.)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
VDD Input Voltage Range
DD
V
2.6
5.5
V
AAT1168/AAT1168B
8
14
V
VDD1 Input Voltage Range
DD1
V
AAT1168A
8
23
V
Falling
2.1
2.2
2.3
V
VDD Under Voltage Lockout
UVLO
V
Rising
2.3
2.4
2.5
V
IN1
V
= 1.5V, Not Switching
0.56
0.80
mA
VDD Operating Current
VDD
I
IN1
V
= 1.0V, Switching
5.60
10.0
mA
VDD1 Operating Current
VDD1
I
+
VI1
V
~
+
VI5
V
= 4V
7
10
mA
Thermal Shutdown
SHDN
T
160
C
Reference Voltage
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Reference Voltage
REF
V
IV
REF = 100µA
1.231
1.250
1.269
V
Line Regulation
RI
V
IV
REF = 100µA,
DD
V
= 2.6V~5.5V
-
2
5
mV
Load Regulation
RO
V
IV
REF = 0~100
A
µ
-
1
5
mV
Oscillator
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Oscillation Frequency
OSC
f
1.05
1.20
1.35
MHz
Maximum Duty Cycle
MAX
D
84
87
90
%


Similar Part No. - AAT1168A-Q5-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1160 AAT-AAT1160 Datasheet
372Kb / 14P
   Step Up Current Mode PWM Converter with 41 Operational Amplifiers
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1160IRN-0.6-T1 ANALOGICTECH-AAT1160IRN-0.6-T1 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1161 ANALOGICTECH-AAT1161 Datasheet
1Mb / 18P
   13.2V Input, 3A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1161 SKYWORKS-AAT1161 Datasheet
1Mb / 18P
   Soft Start Function
More results

Similar Description - AAT1168A-Q5-T

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1164-Q5-T AAT-AAT1164-Q5-T Datasheet
1Mb / 24P
   TRIPLE-CHANNEL TFT LCD POWER SOLUTION
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
480Kb / 30P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com