Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT7200 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT7200
Description  141-Channel Buffer for TFT LCD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT7200 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT7200_3 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT7200_3 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT7200_3 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT7200_3 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT7200_3 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT7200_3 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT7200_3 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT7200_3 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT7200_3 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 1 of 11
V 3.0
AAT7200/A
Details are subject to change without notice
14+1-Channel Buffer for TFT LCD
Features
14-Channels with Output Current: +30mA
(MAX)
One channel
com
V
with Output Current:
+100mA (MAX)
Unity Gain Buffer Capable of Driving
Large Capacitive Loads
Input Range Adjusted to Match TFT LCD
Requirements
DD
V
Specified for 6.5V to 17V
TQFP-48 Package
General Description
Consisted of 14+1-channel buffers, the
AAT7200 is designed to increase the driving
capability for the needs of the thin film
transistor liquid crystal display (TFT LCD).
This device includes a
com
V
buffer circuits,
four rail to rail buffer amplifiers circuits, and
10 buffer amplifiers circuits. Each buffer is
capable of driving heavy load and offering fast
current loading ( com
V
: 100mA, the others:
30mA).
.
Pin Configuration
TOP VIEW
TQFP-48


Similar Part No. - AAT7200_3

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7200-T3-T AAT-AAT7200-T3-T Datasheet
490Kb / 16P
   141-Channel Buffer for TFT LCD
AAT7200A AAT-AAT7200A Datasheet
490Kb / 16P
   141-Channel Buffer for TFT LCD
AAT7200A-T3-T AAT-AAT7200A-T3-T Datasheet
490Kb / 16P
   141-Channel Buffer for TFT LCD
More results

Similar Description - AAT7200_3

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7200 AAT-AAT7200 Datasheet
490Kb / 16P
   141-Channel Buffer for TFT LCD
logo
STMicroelectronics
TSL1014 STMICROELECTRONICS-TSL1014 Datasheet
246Kb / 15P
   14 1 channel buffer for TFT-LCD panels
logo
Advanced Analog Technol...
AAT7205 AAT-AAT7205 Datasheet
316Kb / 10P
   81-CHANNEL BUFFER FOR TFT LCD
AAT7203 AAT-AAT7203 Datasheet
277Kb / 9P
   41-CHANNEL BUFFER FOR TFT LCD
AAT7202 AAT-AAT7202 Datasheet
349Kb / 9P
   121-Channel Buffer for TFT LCD
AAT7201 AAT-AAT7201 Datasheet
597Kb / 14P
   101-Channel Buffer for TFT LCD
AAT7204 AAT-AAT7204 Datasheet
321Kb / 12P
   61-CHANNEL BUFFER FOR TFT LCD
logo
List of Unclassifed Man...
AAT7203 ETC-AAT7203 Datasheet
293Kb / 9P
   41-CHANNEL BUFFER FOR TFT LCD
logo
STMicroelectronics
TSL1018 STMICROELECTRONICS-TSL1018 Datasheet
267Kb / 15P
   18 1 channel buffer for TFT-LCD panels
TSL1020 STMICROELECTRONICS-TSL1020 Datasheet
244Kb / 16P
   20 1 channel buffer for TFT-LCD panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com