Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1501A Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT1501A
Description  REGULATED CHARGE PUMP DC/DC CONVERTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1501A Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT1501A Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1501A Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1501A Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1501A Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1501A Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1501A Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1501A Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1501A Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1501A Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 1 of 15
3.0
AAT1501/A
Details are subject to change without notice
REGULATED CHARGE PUMP DC/DC CONVERTERS
FEATURES
Monitored Output Voltage
(AAT1501:
%
4
V
5
V
O
±
=
)
(AAT1501A:
%
4
V
5
.
4
V
O
±
=
)
Output Current: 120mA (
DD
V
= 3.3V)
150mA (
DD
V
= 3.6V)
Input Voltage Range: 2.7V to 5.0V
A Power-Saving Shutdown Current of less than
A
Internal Oscillation Frequency : 750kHz
Compact SOT-23-6 Package
PIN CONFIGURATION
O
V
DD
V
F
C
+
F
C
GND
SHDN
GENERAL DESCRIPTION
The AAT1501/A is a charge pump DC/DC
converter mainly used for white LED backlighting.
It operates with an input voltage ranging from 2.7V
to 5.0V to generate constant 5.0V (AAT1501) or
4.5V (AAT1501A) output. The regulated output is
produced by using an internal feedback switched
capacitor voltage doublers.
The AAT1501/A requires no external inductor
when operating. By using a flying capacitor, the
AAT1501/A can deliver up to 120mA (
DD
V
= 3.3V)
output current for the system. The AAT1501/A’s
typical ultra low operating current, and compact
external parts make it an ideal component for small,
portable, battery-powered applications.
AAT1501/A comes in a compact 6-pin SOT-23
package to offer users optimal and economical
power management solution.


Similar Part No. - AAT1501A

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1501A AAT-AAT1501A Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - AAT1501A

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1501 AAT-AAT1501 Datasheet
122Kb / 10P
   REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC1751-5 LINER-LTC1751-5_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751-3.3 LINER-LTC1751-3.3_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
LTC1751 LINER-LTC1751_15 Datasheet
220Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters
logo
Unisonic Technologies
L5200 UTC-L5200_15 Datasheet
403Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200 Datasheet
159Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5200 UTC-L5200_16 Datasheet
401Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
L5201 UTC-L5201 Datasheet
169Kb / 7P
   LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
logo
Linear Technology
LTC1751 LINER-LTC1751 Datasheet
211Kb / 12P
   Micropower, Regulated Charge Pump DC/DC Converters"||" "94402
Wide Operating Range, No RSENSE Step-Down Control
LTC3200 LINER-LTC3200_15 Datasheet
185Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com