Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR81 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # BR81
Description  SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

BR81 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  BR81 Datasheet HTML 1Page - UNIOHM CORPORATION BR81 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Tc=50 C
Dimensions in inches and (millimeters)
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 4.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
BR805
BR81
BR82
BR84
BR86
BR88
BR810 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
8.0
125
10
200
-65
+150
-65
+125
V
A
A
V
BR805 THRU BR810
1.1
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
BR-8
FEATURES
* Low leakage current
* Low forward voltage
* Mounting: Hole thru for #6 screw
* Mounting position: Any
8.0 Amperes
.750
(19.1)
.296(7.5)
.255(6.5)
.520(13.2)
.480(12.2)
.770(19.6)
.730(18.5)
.770(19.6)
.730(18.5)
HOLE FOR
NO. 6 SCREW
MIN.
.052(1.3) DIA.
.048(1.2) TYP.
+
AC
AC
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
A
A


Similar Part No. - BR81

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR81 RECTRON-BR81 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR81 LUGUANG-BR81 Datasheet
154Kb / 2P
   Silicon Bridge Rectifiers
logo
Bytes
BR81 BYTES-BR81 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
SHENZHEN YONGERJIA INDU...
BR81 WINNERJOIN-BR81 Datasheet
143Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Dc Components
BR81 DCCOM-BR81 Datasheet
383Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - BR81

ManufacturerPart #DatasheetDescription
logo
Bytes
BR805 BYTES-BR805 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
GBJ801 UNIOHM-GBJ801 Datasheet
67Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR805 NJSEMI-BR805 Datasheet
48Kb / 1P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR805-BR810 DGNJDZ-BR805-BR810 Datasheet
190Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 DGNJDZ-KBU801 Datasheet
478Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
GBU8005 DGNJDZ-GBU8005 Datasheet
280Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
GBU801 GWSEMI-GBU801 Datasheet
64Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 GWSEMI-KBU801 Datasheet
68Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS801M BYTES-RS801M Datasheet
148Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
RS801 DGNJDZ-RS801 Datasheet
213Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
BR805 DGNJDZ-BR805 Datasheet
154Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com