Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS2911CM-2.5 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS2911CM-2.5
Description  1A LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2911CM-2.5 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS2911CM-2.5 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2911CM-2.5 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2911CM-2.5 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2911CM-2.5 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2911CM-2.5 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2911CM-2.5 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2911CM-2.5 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2911CM-2.5 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2911
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Operating Current
(Adjustable Device)
Short-Circuit Current
Load Regulation
Ripple Rejection vs. Current
Adjust Pin Current
Temperature Stability
0
5
10
15
20
0
3
6
9
12
INPUT/OUTPUT DIFFERENTIAL (V)
0
5
10
15
INPUT/OUTPUT DIFFERENTIAL
0
0.25
0.50
0.75
1.00
1.25
-50
-25
0
25
50
75
100
125
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
TEMPERATURE (°C)
0
0.25
0.5
0.75
1.0
0
10
20
30
40
50
60
70
80
90
100
OUTPUT CURRENT (A)
-50
-25
0
25
50
75
100
125
150
-2.0
-1.0
0
1.0
2.0
TEMPERATURE (°C)
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
90
100
T
J = 125°C
T
J = 25°C
f
RIPPLE = 120Hz
f
RIPPLE = 20Hz
V
RIPPLE≤3Vp-p
V
RIPPLE≤0.5Vp-p
∆ I
LOAD = 1A
V
OUT = 5V
C
ADJ = 25µF
C
OUT = 25µF
T
J = 125°C
T
J = 25°C


Similar Part No. - AMS2911CM-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2911CM-25 ADMOS-AMS2911CM-25 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS2911CM-285 ADMOS-AMS2911CM-285 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2911CM-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com