Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT60039B Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT60039B
Description  High-Precision Reset Voltage Detector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT60039B Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT60039B Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT60039B Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT60039B Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT60039B Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT60039B Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT60039B Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT60039B Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT60039B Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT60039B Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Advanced Analog Technology, Inc.
May 2008
–台灣類比科技股份有限公司–
Advanced Analog Technology, Inc.
Version 7.00
Page 3 of 14
AAT600
ABSOLUTE MAXIMUM RAT
ABSOLUTE MAXIMUM RAT
ABSOLUTE MAXIMUM RAT
ABSOLUTE MAXIMUM RATINGS
INGS
INGS
INGS
PARAMETER
SYMBOL
VALUE
UNIT
DD
V
, OUT to GND
DD
V
7
V
Input Voltage (DLY)
I
V
DD
V
+0.3
V
Operating Free-Air Temperature Range
C
T
20
C
° to +85 C
°
C
°
Storage Temperature Range
storage
T
45
C
° to +125 C
°
C
°
Maximum Junction Temperature
J
T
+125
C
°
Package Thermal Resistance
,SC82AB
JA
θ
333
C
° /W
Package Thermal Resistance
,SOT23-3
JA
θ
275
C
° /W
Package Thermal Resistance
,SOT23-5
JA
θ
275
C
° /W
Package Thermal Resistance
,SOT89
JA
θ
175
C
° /W
Power Dissipation
,@ C
T =25 C
°
,SC82AB
D
P
300
mW
Power Dissipation
,@ C
T =25 C
°
,SOT23-3
D
P
364
mW
Power Dissipation
,@ C
T =25 C
°
,SOT23-5
D
P
364
mW
Power Dissipation
,@ C
T =25 C
°
,SOT89
D
P
571
mW


Similar Part No. - AAT60039B

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
AAT60218A AAT-AAT60218A Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
AAT60218B AAT-AAT60218B Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
AAT60219A AAT-AAT60219A Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
AAT60219B AAT-AAT60219B Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
More results

Similar Description - AAT60039B

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT602 AAT-AAT602 Datasheet
275Kb / 8P
   HIGH-PRECISION RESET VOLTAGE DETECTOR
logo
AiT Semiconductor Inc.
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
   SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
AiT Semiconductor Inc.
A4812 AITSEMI-A4812 Datasheet
363Kb / 6P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE VOLTAGE DETECTOR
REV1.0
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com