Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ1505 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # GBJ1505
Description  SINGLE PHASE 15.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

GBJ1505 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  GBJ1505 Datasheet HTML 1Page - UNIOHM CORPORATION GBJ1505 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 15.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 7.5A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
GBJ1501 GBJ1502 GBJ1503 GBJ1504 GBJ1505 GBJ1506 GBJ1507
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
240
10
0.8
60
500
-55
+150
-55
+150
V
A
V
GBJ1501 THRU GBJ1507
1.05
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
15.0 Amperes
Dimensions in inches and (millimeters)
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
C/W
PF
Typical Thermal Resistance RqJC (Note 2)
Typical Junction Capacitance (Note 1)
NOTES:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2. Thermal Resistance from Junction to Case with device mounted on 300mm x 300mm x 1.6mm Cu Plate Heatsink.
GBJ
.303(7.7)
.287(7.3)
.402(10.2)
.386(9.8)
.303(7.7)
.287(7.3)
.150(3.8)
.134(3.4)
.203(5.2)
.189(4.8)
.134(3.4)
.122(3.1)
.043(1.1)
.035(0.9)
.094(2.4)
.078(2.0)
1.193(30.3)
1.169(29.7)
.114(2.9)
.098(2.5)
.031(0.8)
.023(0.6)
SPACING
~
~
Maximum Average Forward Current @Tc=100 C
15.0
A
A
A
FEATURES
* Ideal for printed circuit board
* Low forward voltage
* Mounting position: Any
* Low leakage current


Similar Part No. - GBJ1505

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
GBJ1505 GWSEMI-GBJ1505 Datasheet
68Kb / 2P
   SINGLE PHASE 15.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - GBJ1505

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
GBJ1501 GWSEMI-GBJ1501 Datasheet
68Kb / 2P
   SINGLE PHASE 15.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
KBPC15 SECOS-KBPC15 Datasheet
350Kb / 2P
   15.0 Amp Glass Passivated Single-Phase Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
logo
DIYI Electronic Technol...
GBPC15005W DYELEC-GBPC15005W Datasheet
2Mb / 2P
   SINGLE PHASE 15.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
KBJ15005 BYTESONIC-KBJ15005 Datasheet
327Kb / 2P
   SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS15P01G TSC-TS15P01G_11 Datasheet
139Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
49Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
GBU15005 SECOS-GBU15005 Datasheet
190Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
KBJ15005 DGNJDZ-KBJ15005 Datasheet
445Kb / 2P
   SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS15P01G TSC-TS15P01G_1 Datasheet
224Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com