Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT60242A Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT60242A
Description  HIGH-PRECISION RESET VOLTAGE DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT60242A Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

  AAT60242A Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT60242A Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT60242A Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT60242A Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT60242A Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT60242A Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT60242A Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT60242A Datasheet HTML 8Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Advanced Analog Technology, Inc.
May 2008
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Version 5.00
Page 8 of 8
AAT602
PACK
PACK
PACK
PACKA
A
A
AGE
GE
GE
GE D
D
D
DIMENSION
IMENSION
IMENSION
IMENSION
SOT23-5 (SOT25)
Dimensions In Millimeters
Symbol
MIN
TYP
MAX
A
1.05
1.2
1.3
A1
------
------
0.15
A2
1
1.1
1.15
b
0.3
------
0.5
c
0.08
------
0.22
D
2.90 BSC
E
2.80 BSC
E1
1.60 BSC
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.45
0.60
L1
0.60 REF
L2
0.25 BSC
R
0.1
------
------
R1
0.10
------
0.25
θ
θ
1
10˚
15˚


Similar Part No. - AAT60242A

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT600 AAT-AAT600 Datasheet
331Kb / 14P
   High-Precision Reset Voltage Detector
AAT60018A AAT-AAT60018A Datasheet
331Kb / 14P
   High-Precision Reset Voltage Detector
AAT60018B AAT-AAT60018B Datasheet
331Kb / 14P
   High-Precision Reset Voltage Detector
AAT60019A AAT-AAT60019A Datasheet
331Kb / 14P
   High-Precision Reset Voltage Detector
AAT60019B AAT-AAT60019B Datasheet
331Kb / 14P
   High-Precision Reset Voltage Detector
More results

Similar Description - AAT60242A

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT600 AAT-AAT600 Datasheet
331Kb / 14P
   High-Precision Reset Voltage Detector
logo
AiT Semiconductor Inc.
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
   SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
   SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
logo
AiT Semiconductor Inc.
A4812 AITSEMI-A4812 Datasheet
363Kb / 6P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE VOLTAGE DETECTOR
REV1.0
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com