Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER304G Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # HER304G
Description  3.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

HER304G Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  HER304G Datasheet HTML 1Page - UNIOHM CORPORATION HER304G Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=50 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
3.0
1.0
1.3
1.85
150
10
200
50
70
75
-65
+150
V
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 1.10 grams
*
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
3.0 Amperes
50
100
200
300
400
600
800
1000
50
100
200
300
400
600
800
1000
35
70
140
210
280
420
560
700
V
V
* High speed switching
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.
Operating and Storage Temperature Range TJ, TSTG
A
A
V
nS
pF
C
HER301G THRU HER308G
3.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
HER301G HER302G HER303G HER304G HER305G HER306G HER307G HER308G
UNITS
A
A


Similar Part No. - HER304G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER304G JGD-HER304G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Gulf Semiconductor
HER304G GULFSEMI-HER304G Datasheet
153Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00 TO 1000V CURRENT竊?3.0A
logo
Diode Semiconductor Kor...
HER304G DSK-HER304G Datasheet
303Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
HER304G GOOD-ARK-HER304G Datasheet
64Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
SeCoS Halbleitertechnol...
HER304G SECOS-HER304G Datasheet
511Kb / 2P
   Glass Passivated High Efficiency Rectifiers
More results

Similar Description - HER304G

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
HER301G GWSEMI-HER301G Datasheet
70Kb / 2P
   3.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
1N5400G FORMOSA-1N5400G Datasheet
32Kb / 2P
   3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
UNIOHM CORPORATION
1N5400G UNIOHM-1N5400G Datasheet
67Kb / 2P
   3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Luguang Electr...
1N5400G LUGUANG-1N5400G Datasheet
177Kb / 2P
   3.0 AMP. Glass Passivated Rectifiers
logo
Bytes
1N5400G BYTES-1N5400G Datasheet
151Kb / 2P
   3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Fairchild Semiconductor
EGP30A FAIRCHILD-EGP30A Datasheet
149Kb / 4P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP30A FAIRCHILD-EGP30A_V01 Datasheet
248Kb / 6P
   3.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Jinan Gude Electronic D...
HER301G JGD-HER301G Datasheet
171Kb / 2P
   3.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
HER101G JGD-HER101G Datasheet
172Kb / 2P
   1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER101G UNIOHM-HER101G Datasheet
69Kb / 2P
   1.0 AMP GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com